Electronic Components Datasheet Search
  English  ▼

X  

TPS70751 Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS70751
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70751 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS70751 Datasheet HTML 14Page - Texas Instruments TPS70751 Datasheet HTML 15Page - Texas Instruments TPS70751 Datasheet HTML 16Page - Texas Instruments TPS70751 Datasheet HTML 17Page - Texas Instruments TPS70751 Datasheet HTML 18Page - Texas Instruments TPS70751 Datasheet HTML 19Page - Texas Instruments TPS70751 Datasheet HTML 20Page - Texas Instruments TPS70751 Datasheet HTML 21Page - Texas Instruments TPS70751 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
TPS70745, TPS70748, TPS70751, TPS70758, TPS70702
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
SLVS291 – MAY 2000
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 32
IO – Output Current – mA
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE†
vs
OUTPUT CURRENT
0.1
0.01
0
50
100
150
200
250
10
1
VO = 3.3 V
CO = 10 µF
TJ = 25°C
REGION OF INSTABILITY
REGION OF INSTABILITY
50 m
Ω
Figure 33
IO – Output Current – mA
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE†
vs
OUTPUT CURRENT
0
50
100
150
200
250
REGION OF INSTABILITY
0.1
10
1
250 m
Ω
VO = 3.3 V
CO = 6.8 µF
TJ = 25°C
REGION OF INSTABILITY
Figure 34
IO – Output Current – mA
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE†
vs
OUTPUT CURRENT
0.1
0.01
0
25
50
75
100
125
10
1
REGION OF INSTABILITY
50 m
Ω
REGION OF INSTABILITY
VO = 1.8 V
CO = 10 µF
TJ = 25°C
Figure 35
IO – Output Current – mA
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE†
vs
OUTPUT CURRENT
0
25
50
75
100
125
REGION OF INSTABILITY
0.1
1
VO = 1.8 V
CO = 6.8 µF
TJ = 25°C
10
REGION OF INSTABILITY
250 m
Ω
† Equivalent series resistance (ESR) refers to the total series resistance, including the ESR of the capacitor, any series resistance added
externally, and PWB trace resistance to CO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com