Electronic Components Datasheet Search
  English  ▼

X  

INA220 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # INA220
Description  High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA220 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA220 Datasheet HTML 15Page - Texas Instruments INA220 Datasheet HTML 16Page - Texas Instruments INA220 Datasheet HTML 17Page - Texas Instruments INA220 Datasheet HTML 18Page - Texas Instruments INA220 Datasheet HTML 19Page - Texas Instruments INA220 Datasheet HTML 20Page - Texas Instruments INA220 Datasheet HTML 21Page - Texas Instruments INA220 Datasheet HTML 22Page - Texas Instruments INA220 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
Calibration Example 2 (Overflow Possible)
MaxPossible_I=
V
R
SHUNT_MAX
SHUNT
MaxPossible_I=0.064
(10)
Minimum_LSB=
Max_Expected_I
32767
Minimum_LSB=1.831
10
´
-6
(11)
Maximum_LSB=
Max_Expected_I
4096
Maximum_LSB=14.652
10
´
-6
(12)
Cal=trunc
0.04096
Current_LSB
R
´
SHUNT
Cal=4311
(13)
Power_LSB=20Current_LSB
Power_LSB=38
10
´
-6
(14)
INA220
www.ti.com ............................................................................................................................................................. SBOS459B – JUNE 2009 – REVISED JUNE 2009
This design example uses the nine-step procedure for calibrating the INA220 where overflow is possible.
Figure 21 illustrates how the same procedure is performed using the automated INA220EVM software. Note that
the same numbers used in the nine-step example are used in the software example in Figure 21. Also note that
Figure 21 illustrates which results correspond to which step (for example, the information entered in Step 1 is
circled in Figure 21 and labeled).
1. Establish the following parameters:
VBUS_MAX = 32
VSHUNT_MAX = 0.32
RSHUNT = 5
2. Determine the maximum possible current using Equation 10:
3. Choose the desired maximum current value: Max_Expected_I,
≤ MaxPossible_I. This value is selected
based on system expectations.
Max_Expected_I = 0.06
4. Calculate the possible range of current LSBs. This calculation is done by first computing a range of LSB's
that is appropriate for the design. Next, select an LSB withing this range. Note that the results will have the
most resolution when the minimum LSB is selected. Typically, an LSB is selected to be the nearest round
number to the minimum LSB.
Choose an LSB in the range: Minimum_LSB<Selected_LSB<Maximum_LSB
Current_LSB = 1.9 × 10–6
Note:
This value was selected to be a round number near the Minimum_LSB. This section allows for good
resolution with a rounded LSB.
5. Compute the calibration register using Equation 13:
6. Calculate the Power LSB using Equation 14. Equation 14 shows a general formula; because the bus voltage
measurement LSB is always 4mV, the power formula reduces to calculate the result.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): INA220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com