Electronic Components Datasheet Search
  English  ▼

X  

INA220 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # INA220
Description  High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA220 Datasheet(HTML) 29 Page - Texas Instruments

Back Button INA220 Datasheet HTML 25Page - Texas Instruments INA220 Datasheet HTML 26Page - Texas Instruments INA220 Datasheet HTML 27Page - Texas Instruments INA220 Datasheet HTML 28Page - Texas Instruments INA220 Datasheet HTML 29Page - Texas Instruments INA220 Datasheet HTML 30Page - Texas Instruments INA220 Datasheet HTML 31Page - Texas Instruments INA220 Datasheet HTML 32Page - Texas Instruments INA220 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
ADDITIONAL APPLICATION IDEAS
Data
Clock
CurrentRegister
Two-Wire
Interface
VoltageRegister
V
IN+
ADC
INA220
GND
A0
A1
V
S SupplyVoltage)
(
V
BUS (BusVoltageInput)
V
I
Shunt
(40mVmax
for12-bit)
4.3k
1W
W
+3.3Vto+5V
1/4WZener
orshuntreg
HCPL2300
HCPL2300
HCPL2300
4.3kW
4.3kW
4.3kW
4.3kW
SDA
SCL
+5V
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
35.7kW
13.7kW
24V
Tranzorb
PowerRegister
-
48V
Supply
-
48V
toLoad
V
IN-
0.1 F
m
10 F
m
0.1 F
m
0.1 F
m
0.1 F
m
-
48V
Supply
0.1 F
m
From
Supply
Load
10kW
Data
(SDA)
Clock
(SCL)
´
PowerRegister
CurrentRegister
Two-Wire
Interface
VoltageRegister
V
IN+
ADC
INA220
GND
A0
A1
V
IN-
V
S SupplyVoltage)
(
V
BUS (BusVoltageInput)
R
G
10 F
m
0.1 F
m
+3.3Vto
+5V
V
I
OPA333
100W
35.7kW
13.7kW
Shunt
R
SHUNT
5.1V
Zener
24V
Tranzorb
R
L
100W
MOSFETratedto
standoffsupplyvoltage
suchasBSS84for
upto50V
INA220
www.ti.com ............................................................................................................................................................. SBOS459B – JUNE 2009 – REVISED JUNE 2009
Figure 22, Figure 23, and Figure 24 show the INA220 in additional circuit configurations for current, voltage, and
power monitoring applications.
Figure 22. –48V Telecom Current/Voltage/Power Sense with Isolation
Figure 23. 48V Telecom Current/Voltage/Power Sense
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): INA220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com