Electronic Components Datasheet Search
  English  ▼

X  

INA220 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # INA220
Description  High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA220 Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA220 Datasheet HTML 24Page - Texas Instruments INA220 Datasheet HTML 25Page - Texas Instruments INA220 Datasheet HTML 26Page - Texas Instruments INA220 Datasheet HTML 27Page - Texas Instruments INA220 Datasheet HTML 28Page - Texas Instruments INA220 Datasheet HTML 29Page - Texas Instruments INA220 Datasheet HTML 30Page - Texas Instruments INA220 Datasheet HTML 31Page - Texas Instruments INA220 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Current Register 04h (Read-Only)
Current=
ShuntVoltage
CalibrationRegister
´
4096
CALIBRATION REGISTER
Calibration Register 05h (Read/Write)
INA220
SBOS459B – JUNE 2009 – REVISED JUNE 2009 ............................................................................................................................................................. www.ti.com
Full-scale range and LSB depend on the value entered in the Calibration Register. See the Programming the
INA220 Power Measurement Engine section. Negative values are stored in Two's Complement format.
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
CSIGN
CD14
CD13
CD12
CD11
CD10
CD9
CD8
CD7
CD6
CD5
CD4
CD3
CD2
CD1
CD0
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
The value of the Current Register is calculated by multiplying the value in the Shunt Voltage Register with the
value in the Calibration Register according to the equation:
Current and power calibration are set by bits D15 to D1 of the Calibration Register. Note that bit D0 is not used in
the calculation. This register sets the current that corresponds to a full-scale drop across the shunt. Full-scale
range and the LSB of the current and power measurement depend on the value entered in this register. See the
Programming the INA220 Power Measurement Engine section. This register is suitable for use in overall system
calibration. Note that the '0' POR values are all default.
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
(1)
BIT
FS15
FS14
FS13
FS12
FS11
FS10
FS9
FS8
FS7
FS6
FS5
FS4
FS3
FS2
FS1
FS0
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
(1)
D0 is a void bit and will always be '0'. It is not possible to write a '1' to D0. CALIBRATION is the value stored in D15:D1.
28
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): INA220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com