Electronic Components Datasheet Search
  English  ▼

X  

INA220 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA220
Description  High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA220 Datasheet(HTML) 3 Page - Texas Instruments

  INA220 Datasheet HTML 1Page - Texas Instruments INA220 Datasheet HTML 2Page - Texas Instruments INA220 Datasheet HTML 3Page - Texas Instruments INA220 Datasheet HTML 4Page - Texas Instruments INA220 Datasheet HTML 5Page - Texas Instruments INA220 Datasheet HTML 6Page - Texas Instruments INA220 Datasheet HTML 7Page - Texas Instruments INA220 Datasheet HTML 8Page - Texas Instruments INA220 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
ELECTRICAL CHARACTERISTICS: VS = +3.3V
INA220
www.ti.com ............................................................................................................................................................. SBOS459B – JUNE 2009 – REVISED JUNE 2009
Boldface limits apply over the specified temperature range, TA = –25°C to +85°C.
At TA = +25°C, VIN+ = 12V, VSENSE = (VIN+ – VIN–) = 32mV, VBUS = 12V, PGA = ÷ 1, and BRNG
(1) = 1, unless otherwise noted.
INA220
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
Full-Scale Current Sense (Input) Voltage Range
PGA = ÷ 1
0
±40
mV
PGA = ÷ 2
0
±80
mV
PGA = ÷ 4
0
±160
mV
PGA = ÷ 8
0
±320
mV
Bus Voltage (Input Voltage) Range(2)
BRNG = 1
0
32
V
BRNG = 0
0
16
V
Common-Mode Rejection
CMRR
VIN+ = 0V to 26V
100
120
dB
Offset Voltage, RTI(3)
VOS
PGA = ÷ 1
±10
±100
µV
PGA = ÷ 2
±20
±125
µV
PGA = ÷ 4
±30
±150
µV
PGA = ÷ 8
±40
±200
µV
vs Temperature
0.1
µV/°C
vs Power Supply
PSRR
VS = 3V to 5.5V
10
µV/V
Current Sense Gain Error
±40
m%
vs Temperature
10
ppm/°C
Input Impedance
Active Mode
VIN+ Pin
20
µA
VIN– Pin
20
µA
VBUS Pin
(4)
320
k
Ω
Input Leakage(5)
Power-Down Mode
VIN+ Pin
0.1
±0.5
µA
VIN– Pin
0.1
±0.5
µA
DC ACCURACY
ADC Basic Resolution
12
Bits
1LSB Step Size
Shunt Voltage
10
µV
Bus Voltage
4
mV
Current Measurement Error
±0.2
±0.5
%
over Temperature
±1
%
Bus Voltage Measurement Error
VBUS = 12V
±0.2
±0.5
%
over Temperature
±1
%
Differential Nonlinearity
±0.1
LSB
ADC TIMING
ADC Conversion Time
12-Bit
532
586
µs
11-Bit
276
304
µs
10-Bit
148
163
µs
9-Bit
84
93
µs
Minimum Convert Input Low Time
4
µs
SMBus
SMBus Timeout(6)
28
35
ms
(1)
BRNG is bit 13 of the Configuration Register.
(2)
This parameter only expresses the full-scale range of the ADC scaling. In no event should more than 26V be applied to this device.
(3)
Referred-to-input (RTI).
(4)
The input impedance of this pin may vary approximately ±15%.
(5)
Input leakage is positive (current flowing into the pin) for the conditions shown at the top of the table. Negative leakage currents can
occur under different input conditions.
(6)
SMBus timeout in the INA220 resets the interface any time SCL or SDA is low for over 28ms.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): INA220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com