| Electronic Components Datasheet Search |
|
OMAP3530 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530 Datasheet(HTML) 4 Page - Texas Instruments |
|
4 / 239 page ![]() 1.3 Description OMAP3525-HiRel and OMAP3530-HiRel Applications Processors SPRS599 – JUNE 2009 www.ti.com OMAP3530 and OMAP3525 high-performance, applications processors are based on the enhanced OMAP™ 3 architecture. The OMAP™ 3 architecture is designed to provide best-in-class video, image, and graphics processing sufficient to support the following: • Streaming video • 2D/3D mobile gaming • Video conferencing • High-resolution still image The device supports high-level operating systems (OSs), such as: • Linux • Windows CE • Symbian OS • Palm OS This OMAP device includes state-of-the-art power-management techniques required for high-performance mobile products. The following subsystems are part of the device: • Microprocessor unit (MPU) subsystem based on the ARM Cortex™-A8 microprocessor • IVA2.2 subsystem with a C64x+ digital signal processor (DSP) core • POWERVR SGX™ subsystem for 2D and 3D graphics acceleration to support display and gaming effects (3530only) • Camera image signal processor (ISP) that supports multiple formats and interfacing options connected to a wide variety of image sensors • Display subsystem with a wide variety of features for multiple concurrent image manipulation, and a programmable interface supporting a wide variety of displays. The display subsystem also supports NTSC/PAL video out. • Level 3 (L3) and level 4 (L4) interconnects that provide high-bandwidth data transfers for multiple initiators to the internal and external memory controllers and to on-chip peripherals The device also offers: • A comprehensive power and clock-management scheme that enables high-performance, low-power operation, and ultralow-power standby features. The device also supports SmartReflex™ adaptative voltage control. This power management technique for automatic control of the operating voltage of a module reduces the active power consumption. • Memory stacking feature using the package-on-package (POP) implementation (CBB and CBC packages only) OMAP3530 is available in a 515-pin s-PBGA package (CBB suffix) and the OMAP3525 is available in 515-pin s-PBGA (CBC suffix). Table 1-1 lists the differences between the CBB and CBC packages. OMAP3525-HiRel and OMAP3530-HiRel Applications Processors 4 Submit Documentation Feedback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |