Electronic Components Datasheet Search
  English  ▼

X  

OMAP3530 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530
Description  OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OMAP3530 Datasheet(HTML) 69 Page - Texas Instruments

Back Button OMAP3530 Datasheet HTML 65Page - Texas Instruments OMAP3530 Datasheet HTML 66Page - Texas Instruments OMAP3530 Datasheet HTML 67Page - Texas Instruments OMAP3530 Datasheet HTML 68Page - Texas Instruments OMAP3530 Datasheet HTML 69Page - Texas Instruments OMAP3530 Datasheet HTML 70Page - Texas Instruments OMAP3530 Datasheet HTML 71Page - Texas Instruments OMAP3530 Datasheet HTML 72Page - Texas Instruments OMAP3530 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 239 page
background image
OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
www.ti.com
SPRS599 – JUNE 2009
Table 2-6. External Memory Interfaces – SDRC Signals Description (continued)
SIGNAL
DESCRIPTION
TYPE(1)
BALL BOTTOM
BALL TOP
BALL BOTTOM
BALL TOP
NAME
(CBB Pkg.)
(CBB Pkg.)
(CBC Pkg.)
(CBC Pkg.)
sdrc_d14
SDRAM data bit 14
IO
B17
B19
-
B17
sdrc_d15
SDRAM data bit 15
IO
D18
A19
-
B18
sdrc_d16
SDRAM data bit 16
IO
D11
B3
-
B7
sdrc_d17
SDRAM data bit 17
IO
B10
A3
-
A5
sdrc_d18
SDRAM data bit 18
IO
C11
B5
-
B6
sdrc_d19
SDRAM data bit 19
IO
D12
A5
-
A6
sdrc_d20
SDRAM data bit 20
IO
C12
B8
-
A8
sdrc_d21
SDRAM data bit 21
IO
A11
A8
–
B9
sdrc_d22
SDRAM data bit 22
IO
B13
B9
-
A9
sdrc_d23
SDRAM data bit 23
IO
D14
A9
-
B10
sdrc_d24
SDRAM data bit 24
IO
C18
B21
-
C21
sdrc_d25
SDRAM data bit 25
IO
A19
A21
-
D20
sdrc_d26
SDRAM data bit 26
IO
B19
D22
-
B19
sdrc_d27
SDRAM data bit 27
IO
B20
D23
-
C20
sdrc_d28
SDRAM data bit 28
IO
D20
E22
-
D21
sdrc_d29
SDRAM data bit 29
IO
A21
E23
-
E20
sdrc_d30
SDRAM data bit 30
IO
B21
G22
-
E21
sdrc_d31
SDRAM data bit 31
IO
C21
G23
-
G21
sdrc_ba0
SDRAM bank select 0
O
H9
AB21
-
AA18
sdrc_ba1
SDRAM bank select 1
O
H10
AC21
-
V20
sdrc_a0
SDRAM address bit 0
O
A4
N22
-
G20
sdrc_a1
SDRAM address bit 1
O
B4
N23
-
K20
sdrc_a2
SDRAM address bit 2
O
B3
P22
-
J20
sdrc_a3
SDRAM address bit 3
O
C5
P23
-
J21
sdrc_a4
SDRAM address bit 4
O
C4
R22
-
U21
sdrc_a5
SDRAM address bit 5
O
D5
R23
-
R20
sdrc_a6
SDRAM address bit 6
O
C3
T22
-
M21
sdrc_a7
SDRAM address bit 7
O
C2
T23
-
M20
sdrc_a8
SDRAM address bit 8
O
C1
U22
-
N20
sdrc_a9
SDRAM address bit 9
O
D4
U23
-
K21
sdrc_a10
SDRAM address bit 10
O
D3
V22
-
Y16
sdrc_a11
SDRAM address bit 11
O
D2
V23
-
N21
sdrc_a12
SDRAM address bit 12
O
D1
W22
-
R21
sdrc_a13
SDRAM address bit 13
O
E2
W23
-
AA15
sdrc_a14
SDRAM address bit 14
O
E1
Y22
-
Y12
sdrc_ncs0
Chip select 0
O
H11
M22
-
T21
sdrc_ncs1
Chip select 1
O
H12
M23
-
T20
sdrc_clk
Clock
IO
A13
A11
-
A12
sdrc_nclk
Clock Invert
O
A14
B11
-
B13
sdrc_cke0
Clock Enable 0
O
H16
J22
-
Y15
sdrc_cke1
Clock Enable 1
O
H17
J23
-
Y13
sdrc_nras
SDRAM Row Access
O
H14
L23
-
V21
sdrc_ncas
SDRAM column address
O
H13
L22
-
U20
strobe
sdrc_nwe
SDRAM write enable
O
H15
K23
-
Y18
sdrc_dm0
Data Mask 0
O
B7
C1
-
H1
sdrc_dm1
Data Mask 1
O
A16
A17
-
A14
Submit Documentation Feedback
TERMINAL DESCRIPTION
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com