Electronic Components Datasheet Search
  English  ▼

X  

OMAP3530 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530
Description  OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OMAP3530 Datasheet(HTML) 5 Page - Texas Instruments

  OMAP3530 Datasheet HTML 1Page - Texas Instruments OMAP3530 Datasheet HTML 2Page - Texas Instruments OMAP3530 Datasheet HTML 3Page - Texas Instruments OMAP3530 Datasheet HTML 4Page - Texas Instruments OMAP3530 Datasheet HTML 5Page - Texas Instruments OMAP3530 Datasheet HTML 6Page - Texas Instruments OMAP3530 Datasheet HTML 7Page - Texas Instruments OMAP3530 Datasheet HTML 8Page - Texas Instruments OMAP3530 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 239 page
background image
OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
www.ti.com
SPRS599 – JUNE 2009
Table 1-1. Differences Between CBB and CBC Packages
FEATURE
CBB PACKAGE
CBC PACKAGE
For CBB package pin assignments
For CBC package pin assignments see
Pin Assignments
seeTable 2-1, Ball Characteristics (CBB
Table 2-2, Ball Characteristics (CBC Pkg.)
Pkg.)
Package-On-Package (POP) Interface
POP interface supported
POP interface supported
Discrete Memory Interface
Discrete Memory Interface supported
Discrete Memory Interface not supported
Eight chip select pins available
Eight chip select pins available
GPMC
Four wait pins available
Four wait pins available
The following signals are either available on
CTS signal is available on 3 pins (triple
two (double muxed) or three pins (triple
muxed): uart1_cts (AG22 / W8 / T21),
UART1
muxed): uart1_cts (AE21 / T19 / W2),
uart1_rts (AH22 / AA9), uart1_tx (F28 / Y8 /
uart1_rts (AE22 / R2), uart1_rx (H3 / H25 /
AE7), uart1_rx (E26 / AA8)
AE4), uart1_tx (L4 / G26)
The following signals are available on two
The following signals are available on two
pins (double muxed): uart2_cts (AF6/AB26),
pins (double muxed): uart2_cts (Y24/P3),
UART2
uart2_rts (AE6/AB25), uart2_tx (AF5/AA25),
uart2_rts (AA24/N3), uart2_tx (AD22/U3),
uart2_rx (AE5/AD25)
uart2_rx (AD21/W3)
The following signals are available on three
The following signals are available on two
pins (triple muxed): mcbsp3_dx (AF6 / AB26
pins (triple muxed): mcbsp3_dx (U17/ Y24/
McBSP3
/ V21), mcbsp3_dr (AE6 / AB25 / U21),
P3), mcbsp3_dr (T20/ AA24 / N3),
mcbsp3_clkx (AF5 / AA25 / W21), and
mcbsp3_clkx (T17/ AD22 / U3), mcbsp3_fsx
mcbsp3_fsx (AE5 / AD25 / K26)
(P20/ AD21 / W3)
The following signals are available on three
The following signals are available on three
pins (triple muxed): gpt8_pwm_evt (N8 /
pins (triple muxed): gpt8_pwm_evt
GP Timer
AD25 / V3), gpt9_pwm_evt (T8 / AB26 / Y2),
(C5/AD21/V9), gpt9_pwm_evt (B4/W8/Y24),
gpt10_pwm_evt (R8 / AB25 / Y3), and
gpt10_pwm_evt(C4/U8/AA24),
gpt11_pwm_evt (P8 / AA25 / Y4)
gpt11_pwm_evt(B5/V8/AD22)
The following signals are available on two
The following signals are available on two
pins (double muxed): mcbsp4_clkx (T8/AE1),
pins(double muxed): mcbsp4_clkx (B4 / V3),
McBSP4
mcbsp4_dr (R8/AD1), mcbsp4_dx (P8/AD2),
mcbsp4_dr (C4 / U4), mcbsp4_dx (B5 / R3),
mcbsp4_fsx (N8/AC1)
mcbsp4_fsx (C5 / T3)
HSUSB3_TLL
Supported
Supported
MM_FSUSB3
Supported
Supported
McSPI1
Four chip select pins are available
Four chip select pins are available
The following signals are available on two
The following signals are available on two
MMC3
pins (double muxed): mmc3_cmd (AC3 /
pins (double muxed): mmc3_cmd (R8 / AB3),
AE10), and mmc3_clk (AB1 / AF10)
mmc3_clk (R9 / AB2)
GPIO
A maximum of 188 GPIO pins are supported. A maximum of 188 GPIO pins are supported.
DSI
Supported
Supported
SDI
Supported
Supported
This OMAP3525 and OMAP3530 Applications Processors data manual presents the electrical and
mechanical specifications for the OMAP3525 and OMAP3530 Applications Processors. The information
contained in this data manual applies to both the commercial and extended temperature versions of the
OMAP3525 and OMAP3530 Applications Processors unless otherwise indicated. It consists of the
following sections:
• A description of the OMAP3525 and OMAP3530 terminals: assignment, electrical characteristics,
multiplexing, and functional description (Section 2)
• A presentation of the electrical characteristics requirements: power domains, operating conditions,
power consumption, and dc characteristics (Section 3)
• The clock specifications: input and output clocks, DPLL and DLL (Section 4)
• The video DAC specification (Section 5)
• The timing requirements and switching characteristics (ac timings) of the interfaces (Section 6)
• A description of thermal characteristics, device nomenclature, and mechanical data about the available
packaging (Section 7)
Submit Documentation Feedback
OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com