Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6711FD167 Datasheet(PDF) 49 Page - Texas Instruments

Part # TMS320C6711FD167
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711FD167 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320C6711FD167 Datasheet HTML 45Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 46Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 47Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 48Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 49Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 50Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 51Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 52Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 87 page
background image
TMS320C6211, TMS320C6211B
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SPRS073L − AUGUST 1998 − REVISED JUNE 2005
49
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
ASYNCHRONOUS MEMORY TIMING
timing requirements for asynchronous memory cycles†‡§ (see Figure 18−Figure 19)
NO.
C6211−150
C6211−167
C6211B−150
C6211B−167
C6211BGFNA−150
UNIT
MIN
MAX
MIN
MAX
3
tsu(EDV-AREH)
Setup time, EDx valid before ARE high
9
9
ns
4
th(AREH-EDV)
Hold time, EDx valid after ARE high
1
2
ns
6
tsu(ARDY-EKOH)
Setup time, ARDY valid before ECLKOUT high
3
3
ns
7
th(EKOH-ARDY)
Hold time, ARDY valid after ECLKOUT high
1
2
ns
† To ensure data setup time, simply program the strobe width wide enough. ARDY is internally synchronized. The ARDY signal is recognized in
the cycle for which the setup and hold time is met. To use ARDY as an asynchronous input, the pulse width of the ARDY signal should be wide
enough (e.g., pulse width = 2E) to ensure setup and hold time is met.
‡ RS = Read setup, RST = Read strobe, RH = Read hold, WS = Write setup, WST = Write strobe, WH = Write hold. These parameters are
programmed via the EMIF CE space control registers.
§ E = ECLKOUT period in ns
switching characteristics over recommended operating conditions for asynchronous memory
cycles for C6211 and C6211B‡§¶ (see Figure 18−Figure 19)
NO.
PARAMETER
C6211−150
C6211−167
C6211B−150
C6211B−167
UNIT
NO.
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1
tosu(SELV-AREL)
Output setup time, select signals valid to ARE low
RS * E − 3
RS * E − 3
ns
2
toh(AREH-SELIV)
Output hold time, ARE high to select signals invalid
RH * E − 3
RH * E − 3
ns
5
td(EKOH-AREV)
Delay time, ECLKOUT high to ARE vaild
1.5
8
1.5
8
ns
8
tosu(SELV-AWEL)
Output setup time, select signals valid to AWE low
WS * E − 3
WS * E − 3
ns
9
toh(AWEH-SELIV)
Output hold time, AWE high to select signals invalid
WH * E − 3
WH * E − 3
ns
10
td(EKOH-AWEV)
Delay time, ECLKOUT high to AWE vaild
1.5
8
1.2
8
ns
‡ RS = Read setup, RST = Read strobe, RH = Read hold, WS = Write setup, WST = Write strobe, WH = Write hold. These parameters are
programmed via the EMIF CE space control registers.
§ E = ECLKOUT period in ns
¶ Select signals include: CEx, BE[3:0], EA[21:2], AOE; and for writes, include ED[31:0].
switching characteristics over recommended operating conditions for asynchronous memory
cycles for C6211BGFNA‡§¶ (see Figure 18−Figure 19)
NO.
PARAMETER
C6211BGFNA−150
UNIT
NO.
PARAMETER
MIN
MAX
UNIT
1
tosu(SELV-AREL)
Output setup time, select signals valid to ARE low
RS * E − 3
ns
2
toh(AREH-SELIV)
Output hold time, ARE high to select signals invalid
RH * E − 3
ns
5
td(EKOH-AREV)
Delay time, ECLKOUT high to ARE vaild
1.5
8
ns
8
tosu(SELV-AWEL)
Output setup time, select signals valid to AWE low
WS * E − 3
ns
9
toh(AWEH-SELIV)
Output hold time, AWE high to select signals invalid
WH * E − 3
ns
10
td(EKOH-AWEV)
Delay time, ECLKOUT high to AWE vaild
1
8
ns
‡ RS = Read setup, RST = Read strobe, RH = Read hold, WS = Write setup, WST = Write strobe, WH = Write hold. These parameters are
programmed via the EMIF CE space control registers.
§ E = ECLKOUT period in ns
¶ Select signals include: CEx, BE[3:0], EA[21:2], AOE; and for writes, include ED[31:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com