Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6711FD167 Datasheet(PDF) 23 Page - Texas Instruments

Part # TMS320C6711FD167
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711FD167 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMS320C6711FD167 Datasheet HTML 19Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 20Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 21Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 22Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 23Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 24Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 25Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 26Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 87 page
background image
TMS320C6211, TMS320C6211B
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SPRS073L − AUGUST 1998 − REVISED JUNE 2005
23
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
§ PLLV and PLLG are not part of external voltage supply or ground. See the CLOCK/PLL documentation for information on how to connect these
pins.
¶ A = Analog signal (PLL Filter)
# The EMU0 and EMU1 pins are internally pulled up with 30-kΩ resistors; therefore, for emulation and normal operation, no external
pullup/pulldown resistors are necessary. However, for boundary scan operation, pull down the EMU1 and EMU0 pins with a dedicated 1-k
Ω
resistor.
Terminal Functions (Continued)
SIGNAL
TYPE†
IPD/
IPU‡
DESCRIPTION
NAME
NO.
TYPE†
IPD/
IPU‡
DESCRIPTION
HOST-PORT INTERFACE (HPI) (CONTINUED)
HD15
B14
IPU
HD14
C14
IPU
HD13
A15
IPU
HD12
C15
IPU
HD11
A16
IPU
Host-port data
Used for transfer of data, address, and control
HD10
B16
IPU
• Used for transfer of data, address, and control
• Also controls initialization of DSP modes at reset via pullup/pulldown resistors
HD9
C16
IPU
• Also controls initialization of DSP modes at reset via pullup/pulldown resistors
− Device Endian mode
HD8
B17
I/O/Z
IPU
− Device Endian mode
HD8: 0
– Big Endian
1
− Little Endian
HD7
A18
I/O/Z
IPU
1
− Little Endian
− Boot mode
HD6
C17
IPU
− Boot mode
HD[4:3]: 00 – HPI boot
01 − 8-bit ROM boot with default timings
HD5
B18
IPU
HD[4:3]: 00 – HPI boot
01 − 8-bit ROM boot with default timings
10 − 16-bit ROM boot with default timings
HD4
C19
IPD
10 − 16-bit ROM boot with default timings
11 − 32-bit ROM boot with default timings
HD3
C20
IPU
11 − 32-bit ROM boot with default timings
HD2
D18
IPU
HD1
D20
IPU
HD0
E20
IPU
HAS
E18
I
IPU
Host address strobe
HCS
F20
I
IPU
Host chip select
HDS1
E19
I
IPU
Host data strobe 1
HDS2
F18
I
IPU
Host data strobe 2
HRDY
H19
O
IPD
Host ready (from DSP to host)
EMIF − CONTROL SIGNALS COMMON TO ALL TYPES OF MEMORY
CE3
V6
O/Z
IPU
Memory space enables
CE2
W6
O/Z
IPU
Memory space enables
• Enabled by bits 28 through 31 of the word address
CE1
W18
O/Z
IPU
• Enabled by bits 28 through 31 of the word address
• Only one asserted during any external data access
CE0
V17
O/Z
IPU
• Only one asserted during any external data access
BE3
V5
O/Z
IPU
Byte-enable control
BE2
Y4
O/Z
IPU
Byte-enable control
• Decoded from the two lowest bits of the internal address
BE1
U19
O/Z
IPU
• Decoded from the two lowest bits of the internal address
• Byte-write enables for most types of memory
Can be directly connected to SDRAM read and write mask signal (SDQM)
BE0
V20
O/Z
IPU
Byte-write enables for most types of memory
• Can be directly connected to SDRAM read and write mask signal (SDQM)
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-k
Ω resistor should be used.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com