Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6711FD167 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMS320C6711FD167
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711FD167 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320C6711FD167 Datasheet HTML 18Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 19Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 20Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 21Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 22Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 23Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 24Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 25Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 87 page
background image
TMS320C6211, TMS320C6211B
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SPRS073L − AUGUST 1998 − REVISED JUNE 2005
22
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Terminal Functions
SIGNAL
TYPE†
IPD/
IPU‡
DESCRIPTION
NAME
NO.
TYPE†
IPD/
IPU‡
DESCRIPTION
CLOCK/PLL
CLKIN
A3
I
IPD
Clock Input
CLKOUT1
D7
O
IPD
Clock output at device speed
The CLK1EN bit in the EMIF GBLCTL register controls the CLKOUT1 pin.
CLK1EN = 0:
CLKOUT1 is disabled
CLK1EN = 1:
CLKOUT1 enabled to clock [default]
CLKOUT2
Y12
O
IPD
Clock output at half of device speed
When the CLKOUT2 pin is enabled, the CLK2EN bit in the EMIF global control register
(GBLCTL) controls the CLKOUT2 pin.
CLK2EN = 0:
CLKOUT2 is disabled
CLK2EN = 1:
CLKOUT1 enabled to clock [default]
CLKMODE0
C4
I
IPU
Clock mode select
• Selects whether the CPU clock frequency = input clock frequency x4 or x1
PLLV§
A4
A¶
PLL analog VCC connection for the low-pass filter
PLLG§
C6
A¶
PLL analog GND connection for the low-pass filter
PLLF
B5
A¶
PLL low-pass filter connection to external components and a bypass capacitor
JTAG EMULATION
TMS
B7
I
IPU
JTAG test-port mode select
TDO
A8
O/Z
IPU
JTAG test-port data out
TDI
A7
I
IPU
JTAG test-port data in
TCK
A6
I
IPU
JTAG test-port clock
TRST
B6
I
IPD
JTAG test-port reset
EMU5
B12
I/O/Z
IPU
Emulation pin 5. Reserved for future use, leave unconnected.
EMU4
C11
I/O/Z
IPU
Emulation pin 4. Reserved for future use, leave unconnected.
EMU3
B10
I/O/Z
IPU
Emulation pin 3. Reserved for future use, leave unconnected.
EMU2
D10
I/O/Z
IPU
Emulation pin 2. Reserved for future use, leave unconnected.
EMU1
B9
I/O/Z
IPU
Emulation pin 1#
EMU0
D9
I/O/Z
IPU
Emulation pin 0#
RESETS AND INTERRUPTS
RESET
A13
I
IPU
Device reset
NMI
C13
I
IPD
Nonmaskable interrupt
• Edge-driven (rising edge)
Any noise on the NMI pin may trigger an NMI interrupt; therefore, if the NMI pin is not used, it is
recommended that the NMI pin be grounded versus relying on the IPD.
EXT_INT7
E3
External interrupts
EXT_INT6
D2
I
IPU
External interrupts
• Edge-driven
EXT_INT5
C1
I
IPU
• Edge-driven
• Polarity independently selected via the External Interrupt Polarity Register bits
(EXTPOL.[3:0])
EXT_INT4
C2
Polarity independently selected via the External Interrupt Polarity Register bits
(EXTPOL.[3:0])
HOST-PORT INTERFACE (HPI)
HINT
J20
O
IPU
Host interrupt (from DSP to host)
HCNTL1
G19
I
IPU
Host control − selects between control, address, or data registers
HCNTL0
G18
I
IPU
Host control − selects between control, address, or data registers
HHWIL
H20
I
IPU
Host half-word select − first or second half-word (not necessarily high or low order)
HR/W
G20
I
IPU
Host read or write select
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-k
Ω resistor should be used.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com