Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6711FD167 Datasheet(PDF) 19 Page - Texas Instruments

Part # TMS320C6711FD167
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711FD167 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMS320C6711FD167 Datasheet HTML 15Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 16Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 17Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 18Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 19Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 20Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 21Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 22Page - Texas Instruments TMS320C6711FD167 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 87 page
background image
TMS320C6211, TMS320C6211B
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SPRS073L − AUGUST 1998 − REVISED JUNE 2005
19
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
interrupt sources and interrupt selector
The C62x DSP core supports 16 prioritized interrupts, which are listed in Table 16. The highest-priority interrupt
is INT_00 (dedicated to RESET) while the lowest-priority interrupt is INT_15. The first four interrupts
(INT_00−INT_03) are non-maskable and fixed. The remaining interrupts (INT_04−INT_15) are maskable and
default to the interrupt source specified in Table 16. The interrupt source for interrupts 4−15 can be programmed
by modifying the selector value (binary value) in the corresponding fields of the Interrupt Selector Control
registers: MUXH (address 0x019C0000) and MUXL (address 0x019C0004).
Table 16. C6211/C6211B DSP Interrupts
CPU
INTERRUPT
NUMBER
INTERRUPT
SELECTOR
CONTROL
REGISTER
SELECTOR
VALUE
(BINARY)
INTERRUPT
EVENT
INTERRUPT SOURCE
INT_00†
−
−
RESET
INT_01†
−
−
NMI
INT_02†
−
−
Reserved
Reserved. Do not use.
INT_03†
−
−
Reserved
Reserved. Do not use.
INT_04‡
MUXL[4:0]
00100
EXT_INT4
External interrupt pin 4
INT_05‡
MUXL[9:5]
00101
EXT_INT5
External interrupt pin 5
INT_06‡
MUXL[14:10]
00110
EXT_INT6
External interrupt pin 6
INT_07‡
MUXL[20:16]
00111
EXT_INT7
External interrupt pin 7
INT_08‡
MUXL[25:21]
01000
EDMA_INT
EDMA channel (0 through 15) interrupt
INT_09‡
MUXL[30:26]
01001
Reserved
None, but programmable
INT_10‡
MUXH[4:0]
00011
SD_INT
EMIF SDRAM timer interrupt
INT_11‡
MUXH[9:5]
01010
Reserved
None, but programmable
INT_12‡
MUXH[14:10]
01011
Reserved
None, but programmable
INT_13‡
MUXH[20:16]
00000
DSP_INT
Host-port interface (HPI)-to-DSP interrupt
INT_14‡
MUXH[25:21]
00001
TINT0
Timer 0 interrupt
INT_15‡
MUXH[30:26]
00010
TINT1
Timer 1 interrupt
−
−
01100
XINT0
McBSP0 transmit interrupt
−
−
01101
RINT0
McBSP0 receive interrupt
−
−
01110
XINT1
McBSP1 transmit interrupt
−
−
01111
RINT1
McBSP1 receive interrupt
−
−
10000 − 11111
Reserved
Reserved. Do not use.
† Interrupts INT_00 through INT_03 are non-maskable and fixed.
‡ Interrupts INT_04 through INT_15 are programmable by modifying the binary selector values in the Interrupt Selector Control
registers fields. Table 16 shows the default interrupt sources for Interrupts INT_04 through INT_15. For more detailed
information on interrupt sources and selection, see the TMS320C6000 DSP Interrupt Selector Reference Guide (literature
number SPRU646).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com