Electronic Components Datasheet Search
  English  ▼

X  

PCF8579 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF8579
Description  LCD column driver for dot matrix graphic displays
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8579 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF8579 Datasheet HTML 7Page - NXP Semiconductors PCF8579 Datasheet HTML 8Page - NXP Semiconductors PCF8579 Datasheet HTML 9Page - NXP Semiconductors PCF8579 Datasheet HTML 10Page - NXP Semiconductors PCF8579 Datasheet HTML 11Page - NXP Semiconductors PCF8579 Datasheet HTML 12Page - NXP Semiconductors PCF8579 Datasheet HTML 13Page - NXP Semiconductors PCF8579 Datasheet HTML 14Page - NXP Semiconductors PCF8579 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
PCF8579_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 11 May 2009
11 of 41
NXP Semiconductors
PCF8579
LCD column driver for dot matrix graphic displays
Vstate1(t) = C1(t) − R1(t).
Vstate2(t) = C2(t) − R2(t).
Fig 7.
LCD drive mode waveforms for 1:8 multiplex rate
msa840
ROW 1
R1 (t)
ROW 2
R2 (t)
COL 1
C1 (t)
COL 2
C2 (t)
dot matrix
1:8 multiplex rate
0.261 Voper
0.261 Voper
0 V
0.261 Voper
0.261 Voper
0 V
Voper
0.478 Voper
0.478 Voper
state 1 (OFF)
state 2 (ON)
VDD
V2
V3
V4
V5
VLCD
VDD
V2
V3
V4
V5
VLCD
VDD
V2
V3
V4
V5
VLCD
VDD
V2
V3
V4
V5
VLCD
Tfr
Voper
Voper
Voper
Vstate 1(t)
Vstate 2(t)
V
on RMS
()
V
oper
-----------------------
1
8
---
81
–
88
1
+
()
------------------------
+
0.430
=
=
V
off RMS
()
V
oper
------------------------
28
1
–
()
88
1
+
()2
-------------------------------
0.297
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com