Electronic Components Datasheet Search
  English  ▼

X  

PCF8579 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8579
Description  LCD column driver for dot matrix graphic displays
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8579 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8579 Datasheet HTML 12Page - NXP Semiconductors PCF8579 Datasheet HTML 13Page - NXP Semiconductors PCF8579 Datasheet HTML 14Page - NXP Semiconductors PCF8579 Datasheet HTML 15Page - NXP Semiconductors PCF8579 Datasheet HTML 16Page - NXP Semiconductors PCF8579 Datasheet HTML 17Page - NXP Semiconductors PCF8579 Datasheet HTML 18Page - NXP Semiconductors PCF8579 Datasheet HTML 19Page - NXP Semiconductors PCF8579 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
PCF8579_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 11 May 2009
16 of 41
NXP Semiconductors
PCF8579
LCD column driver for dot matrix graphic displays
In multiple device applications, the hardware subaddress pins of the PCF8579s (A0 to A3)
are connected to VSS or VDD to represent the desired hardware subaddress code. If two or
more devices share the same slave address, then each device must be allocated a
unique hardware subaddress.
a. Master transmits to slave receiver (write mode)
b. Master reads after sending command string (write commands; read data)
c. Master reads slave immediately after sending slave address (read mode)
Fig 13. I2C-bus protocol
msa830
S
A
0
S
011110
0 A C
COMMAND
A
P
A
DISPLAY DATA
slave address
/
RW
acknowledge by
all addressed
PCF8578s / PCF8579s
acknowledge
by A0, A1, A2 and A3
selected PCF8578s /
PCF8579s only
n
≥ 0 byte(s)
n
≥ 0 byte(s)
1 byte
update data pointers
and if necessary,
subaddress counter
(a)
msa832
S
A
0
S
011110
0 A C
COMMAND
A
slave address
/
RW
acknowledge by
all addressed
PCF8578s / PCF8579s
n
≥ 1 byte
(b)
A
DATA
S
A
0
S
011110
1 A
slave address
/
RW
P
1
DATA
n bytes
last byte
update data pointers
and if necessary
subaddress counter
acknowledge
from master
no acknowledge
from master
at this moment master
transmitter becomes a
master receiver and
PCF8578/PCF8579 slave
receiver becomes a
slave transmitter
msa831
S
A
0
S
011110
1 A
DATA
A
P
1
DATA
slave address
/
RW
acknowledge by
all addressed
PCF8578s / PCF8579s
last byte
n bytes
update data pointers
and if necessary,
subaddress counter
(c)
acknowledge
from master
no acknowledge
from master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com