Electronic Components Datasheet Search
  English  ▼

X  

LT3754 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3754
Description  16-Channel 횞 50mA LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3754 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3754 Datasheet HTML 10Page - Linear Technology LT3754 Datasheet HTML 11Page - Linear Technology LT3754 Datasheet HTML 12Page - Linear Technology LT3754 Datasheet HTML 13Page - Linear Technology LT3754 Datasheet HTML 14Page - Linear Technology LT3754 Datasheet HTML 15Page - Linear Technology LT3754 Datasheet HTML 16Page - Linear Technology LT3754 Datasheet HTML 17Page - Linear Technology LT3754 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LT3754
14
3754f
The power rating of RS should be selected to exceed
the I2R losses in the resistor. The peak inductor current
should be recalculated for the chosen RS value to ensure
the chosen inductor will not saturate.
Power MOSFET: Overcurrent and Hiccup Mode
For severe external faults which may cause the external
MOSFET to reach currents greater than the peak current
defined by RS and the 52mV sense pin threshold described
above, the LT3754 has an overcurrent comparator which
triggers soft start and turns off the MOSFET driver for
currents exceeding,
I
mV
RS
D OVERCURRENT
() =
100
In this fault mode the LT3754 only allows MOSFET turn
on for approximately 100ns every 2ms. This hiccup mode
significantly reduces the power rating required for the
MOSFET.
APPLICATIONS INFORMATION
Soft Start
To limit inductor inrush current and output voltage
during startup or recovery from a fault condition, the
LT3754 provides a soft start function. The LT3754
when entering these faults will discharge an internal
soft start node and prevent switching at the GATE
pin for any of the following faults: VIN, SHDN/UVLO
or INTVCC voltages too low or MOSFET current
too high (see the timing diagram in Figure 2). When exiting
these faults the LT3754 ramps up an internal soft start node
at approximately 0.5V/ms to control VC pin voltage rise and
hence control MOSFET switch current rise. In addition the
soft start period gradually ramps up switching frequency
from approximately 33% to 100% of full scale.
The conditions required to exit all faults and allow a soft
start ramp of the VC pin are listed in Figure 2. An added
feature of the LT3754 is that it waits for the first PWM pin
active high (minimum 200ns pulse width) before it allows
Figure 2. LT3754 Fault Detection and Soft Start Timing for VC Pin and Internal SS Node
GATE
3754 F02
VC
0.4V
VBE (VC SWITCHING
THRESHOLD)
0.1V
VBE
0.5V/ms
0.5V/ms
SS
(INTERNAL)
0.4V
0.1V
ANY OF THE FOLLOWING FAULTS
TRIGGERS SOFT START LATCH
WITH GATE TURNED OFF
IMMEDIATELY:
VIN < 3.7V, SHDN < 1.476V,
INTVCC < 3.4V
IDSS (EXTERNAL MOSFET) > 100mV/RS
SOFT-START LATCH RESET REQUIRES
ALL CONDITIONS SATISFIED:
SS (INTERNAL) < 0.2V, VIN 4.2V,
SHDN > 1.476V, INTVCC > 3.8V,
IDSS (EXTERNAL MOSFET) < 100mV/RS,
PWM > 1.4V (FOR AT LEAST 200ns)
SOFT-START
LATCH SET:
VC MIN
CLAMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com