Electronic Components Datasheet Search
  English  ▼

X  

LT3754 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3754
Description  16-Channel 횞 50mA LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3754 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3754 Datasheet HTML 18Page - Linear Technology LT3754 Datasheet HTML 19Page - Linear Technology LT3754 Datasheet HTML 20Page - Linear Technology LT3754 Datasheet HTML 21Page - Linear Technology LT3754 Datasheet HTML 22Page - Linear Technology LT3754 Datasheet HTML 23Page - Linear Technology LT3754 Datasheet HTML 24Page - Linear Technology LT3754 Datasheet HTML 25Page - Linear Technology LT3754 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LT3754
22
3754f
APPLICATIONS INFORMATION
Example : For a 12W LED driver application requiring 16
strings of 10 LEDs each driven with 20mA, VIN = 24V, fOSC
= 1MHz, Qg (at 7V VGS) = 15nC, I(LEDX) = 20mA, and an
85°C ambient temperature for the LT3754 IC, the LT3754
junction temperature can be approximated as:
TJ = 85°C + [24 • (9.5mA + (16 • 20mA/75) + (1MHz
• 15nC)) + (16 •20mA • 1.1V)] • 34
= 85°C + [(24 • 28.8mA) + (320mA • 1.1V)] • 34
= 85°C + (0.691W + 0.35W) • 34
= 85°C + 35°C
TJ = 120°C
The exposed pad on the bottom of the package must be
soldered to the ground plane. The ground plane should
be connected to an internal copper ground plane with vias
placed directly under the package to spread out the heat
generated by the LT3754.
Circuit Layout Considerations
As with all switching regulators, careful attention must be
given to PCB layout and component placement to achieve
optimal thermal, electrical and noise performance. The
exposed pad of the LT3754 is the only ground connection for
the IC. The exposed pad should be soldered to a continuous
copper ground plane underneath the device to reduce die
temperature and maximize the power capability of the IC.
An analog ground is down bonded to the exposed pad near
the RT and VC pins. ISET, RT and VC components should
be connected to an area of ground copper near these
pins. The OVPSET track should be kept away from fast
moving signals and not loaded with an external capacitor.
GATE pin turn off currents escape through a downbond to
the exposed pad near the GATE pin. This area of copper
should be the power ground (PGND) connection for the
inductor input capacitor, INTVCC capacitor and output
capacitor. A separate bypass capacitor for the VIN pin of
the IC may be required close the VIN pin and connected
to the copper area associated with analog ground. To
minimize MOSFET peak current sensing errors the sense
resistor (RS) should have Kelvin connections to the SENSE
pin and the power ground copper area near the pin. The
MOSFET drain rise and fall times are designed to be as
short as possible for maximum efficiency. To reduce the
effects of both radiated and conducted noise, the area of
the copper trace for the MOSFET drain should be kept as
small as possible. Use a ground plane under the switching
regulator to minimize interplane coupling. The Schottky
diode and output capacitor should be placed as close as
possible to the drain node to minimize this high switching
frequency path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com