Electronic Components Datasheet Search
  English  ▼

X  

LT3754 Datasheet(PDF) 20 Page - Linear Technology

Part # LT3754
Description  16-Channel 횞 50mA LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3754 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT3754 Datasheet HTML 16Page - Linear Technology LT3754 Datasheet HTML 17Page - Linear Technology LT3754 Datasheet HTML 18Page - Linear Technology LT3754 Datasheet HTML 19Page - Linear Technology LT3754 Datasheet HTML 20Page - Linear Technology LT3754 Datasheet HTML 21Page - Linear Technology LT3754 Datasheet HTML 22Page - Linear Technology LT3754 Datasheet HTML 23Page - Linear Technology LT3754 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LT3754
20
3754f
APPLICATIONS INFORMATION
Two external resistors program the maximum IC junction
temperature using a resistor divider from the VREF pin,
as shown in Figure 9. Choose the ratio of R1 and R2 for
the desired junction temperature. Figure 10 shows the
relationship of TSET voltage to junction temperature, and
Table 8 shows commonly used values for R1 and R2.
Programming Overvoltage Protection (OVP) level
The LT3754 LED driver provides optimum protection
to the LEDs and the external MOSFET by providing a
programmable maximum regulated output voltage limit
using the OVPSET pin. The Overvoltage Protection (OVP)
level is programmed as:
OVP (MAXIMUM REGULATED VOUT) = 57 • OVPSET
If every LED string fails open or the multiple string LED
display becomes disconnected the LT3754 LED driver loop
regulates to the programmed OVP level. The OVP level
should be programmed to a level high enough to regulate
the LED strings but low enough to prevent damage to the
power switch and to minimize the voltage across the LED
pins upon reconnection of the LED strings. Recommended
OVP level is given by:
OVP(RECOMMENDED) = 1.2 • ((N • VF) + 1V)
where:
N = number of LEDs in each string,
VF = maximum LED forward voltage drop
and the scaling factor of 1.2 accounts for variation in the
generation of OVP from OVPSET pin voltage and startup
logic requirements.
Example: For a converter operating with 10 LEDs per string
at a maximum forward voltage of 4V per LED, the OVP
level should be programmed to:
OVP RECOMMENDED
V
V
For
()
. • (
• )
.
=+
()=
1 2
10 4
1
49 2
OV
VP
==
=
49 2
49 2
57
0 863
.,
.
.
VOVP
V
SET
The OVPSET pin voltage can be generated using a resistor
divider from the REF pin.
Figure 9. Programming the TSET Pin
Figure 10. Programing the TSET Pin Threshold
3754 F09
LT3754
VREF
TSET
R2
R1
31
30
JUNCTION TEMPERATURE (°C)
0
500
600
700
800
50
100
125
25
75
150
950
550
650
750
850
900
3598 F10
VPTAT
Table 7. Resistor Values to Program Maximum IC Junction
Temperature (VREF (Typical) = 1.485V)
TJ (°C)
R1 (k)
R2 (k)
TSET (V)
100
24.9
20
0.824
115
28.0
20
0.866
130
30.9
20
0.902



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com