Electronic Components Datasheet Search
  English  ▼

X  

LT3754 Datasheet(PDF) 25 Page - Linear Technology

Part # LT3754
Description  16-Channel 횞 50mA LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3754 Datasheet(HTML) 25 Page - Linear Technology

Back Button LT3754 Datasheet HTML 20Page - Linear Technology LT3754 Datasheet HTML 21Page - Linear Technology LT3754 Datasheet HTML 22Page - Linear Technology LT3754 Datasheet HTML 23Page - Linear Technology LT3754 Datasheet HTML 24Page - Linear Technology LT3754 Datasheet HTML 25Page - Linear Technology LT3754 Datasheet HTML 26Page - Linear Technology LT3754 Datasheet HTML 27Page - Linear Technology LT3754 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
LT3754
25
3754f
TYPICAL APPLICATIONS
10
2.2μF
100V
L1
10μH
D1
M1
0.007Ω
VIN
8V TO 36V
4.7μF
10V
4.7μF
50V
1M
232k
•
•
•
15k
23.2k
30.9k
20k
115k
5.76k
5.1k
4.7nF
3754 TA06
L1: COOPER BUSSMANN HC9-100-R
M1: VISHAY SILICONIX Si7850DP
D1: DIODES, INC. PDS560
•
•
•
•
•
•
LT3754
GATE
VOUT
SENSE
LED16
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
LED9
LED10
LED11
LED12
LED13
LED14
LED15
SYNC
GND
PWM
CTRL
PWM DIMMING
ANALOG DIMMING
REF
TSET
OVPSET RT
ISET
VC
VIN
INTVCC
FAULT
SHDN/UVLO
UP TO 42V OF LEDs PER STRING
100k
31W LED Driver, 400kHz Boost, 3 Strings, 250mA Per String



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com