Electronic Components Datasheet Search
  English  ▼

X  

LTC1967 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1967
Description  Precision Extended Bandwidth, RMS-to-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1967 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1967 Datasheet HTML 3Page - Linear Technology LTC1967 Datasheet HTML 4Page - Linear Technology LTC1967 Datasheet HTML 5Page - Linear Technology LTC1967 Datasheet HTML 6Page - Linear Technology LTC1967 Datasheet HTML 7Page - Linear Technology LTC1967 Datasheet HTML 8Page - Linear Technology LTC1967 Datasheet HTML 9Page - Linear Technology LTC1967 Datasheet HTML 10Page - Linear Technology LTC1967 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
LTC1967
1967f
GND (Pin 1): Ground. The power return pin.
IN1 (Pin 2): Differential Input. DC coupled (polarity is
irrelevant).
IN2 (Pin 3): Differential Input. DC coupled (polarity is
irrelevant).
VOUT (Pin 5): Output Voltage. This is high impedance. The
RMS averaging is accomplished with a single shunt ca-
pacitor from this node to OUT RTN. The transfer function
is given by:
V
OUT RTN
Average IN
IN
OUT ––
() =
()


21
2
PI FU CTIO S
OUT RTN (Pin 6): Output Return. The output voltage is
created relative to this pin. The VOUT and OUT RTN pins
are not balanced and this pin should be tied to a low
impedance, both AC and DC. Although it is often tied to
GND, it can be tied to any arbitrary voltage:
GND < OUT RTN < (V+ – Max Output)
V+ (Pin 7): Positive Voltage Supply. 4.5V to 5.5V.
ENABLE (Pin 8): An Active-Low Enable Input. LTC1967 is
debiased if open circuited or driven to V+. For normal
operation, pull to GND.
APPLICATIO S I FOR ATIO
RMS-TO-DC CONVERSION
Definition of RMS
RMS amplitude is the consistent, fair and standard way to
measure and compare dynamic signals of all shapes and
sizes. Simply stated, the RMS amplitude is the heating
potential of a dynamic waveform. A 1VRMS AC waveform
will generate the same heat in a resistive load as will 1V DC.
Mathematically, RMS is the “Root of the Mean of the
Square”:
VV
RMS =
2
+
–
R
1V DC
R
1967 F01
SAME
HEAT
1V ACRMS
R
1V (AC + DC) RMS
Figure 1
Alternatives to RMS
Other ways to quantify dynamic waveforms include peak
detection and average rectification. In both cases, an
average (DC) value results, but the value is only accurate
at the one chosen waveform type for which it is calibrated,
typically sine waves. The errors with average rectification
are shown in Table 1. Peak detection is worse in all cases
and is rarely used.
Table 1. Errors with Average Rectification vs True RMS
AVERAGE
RECTIFIED
WAVEFORM
VRMS
(V)
ERROR*
Square Wave
1.000
1.000
11%
Sine Wave
1.000
0.900
*Calibrate for 0% Error
Triangle Wave
1.000
0.866
–3.8%
SCR at 1/2 Power,
1.000
0.637
–29.3%
Θ = 90°
SCR at 1/4 Power,
1.000
0.536
–40.4%
Θ = 114°
The last two entries of Table 1 are chopped sine waves as
is commonly created with thyristors such as SCRs and
Triacs. Figure 2a shows a typical circuit and Figure 2b
shows the resulting load voltage, switch voltage and load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com