Electronic Components Datasheet Search
  English  ▼

X  

LTC1967 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1967
Description  Precision Extended Bandwidth, RMS-to-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1967 Datasheet(HTML) 5 Page - Linear Technology

  LTC1967 Datasheet HTML 1Page - Linear Technology LTC1967 Datasheet HTML 2Page - Linear Technology LTC1967 Datasheet HTML 3Page - Linear Technology LTC1967 Datasheet HTML 4Page - Linear Technology LTC1967 Datasheet HTML 5Page - Linear Technology LTC1967 Datasheet HTML 6Page - Linear Technology LTC1967 Datasheet HTML 7Page - Linear Technology LTC1967 Datasheet HTML 8Page - Linear Technology LTC1967 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LTC1967
1967f
TYPICAL PERFOR A CE CHARACTERISTICS
Performance vs Large Crest Factors
AC Linearity
DC Linearity
Supply Current vs Supply Voltage
Supply Current vs Temperature
Shutdown Current
vs ENABLE Voltage
Input Signal Bandwidth
vs RMS Value
Performance vs Crest Factor
CREST FACTOR
1
199.0
199.8
199.6
199.4
199.2
200.0
200.2
200.4
200.6
23
4
5
1kHz
1967 G05
200.8
201.0
200mVRMS SCR WAVEFORMS
CAVE = 10µF
O.1%/DIV
60Hz
20Hz
CREST FACTOR
1
220
4
1967 G06
190
170
23
5
160
150
140
130
120
210
200
180
678
200mVRMS SCR WAVEFORMS
CAVE = 10µF
5%/DIV
60Hz
10Hz
10kHz
1kHz
20Hz
VIN1 (mV ACRMS)
0
0.20
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
400
1967 G07
100
200
300
500
60Hz SINEWAVES
CAVE = 10µF
VIN2 = MIDSUPPLY
VIN1 (mV)
–500
0.02
0.06
0.10
300
1967 G08
–0.02
–0.06
0
0.04
0.08
–0.04
–0.08
–0.10
–300
–100
100
500
CAVE = 1µF
VIN2 = MIDSUPPLY
EFFECTS OF OFFSETS
MAY BE POSITIVE OR
NEGATIVE AT VIN = 0V
SUPPLY VOLTAGE (V)
0
4
450
400
350
300
250
200
150
100
50
0
1967 G09
26
3
15
TEMPERATURE (
°C)
–55
315
320
330
335
340
–15
25
45
125
1967 G10
325
–35
5
65
85 105
345
VS = 5V
ENABLE PIN VOLTAGE (V)
0
500
400
300
200
100
0
–100
0
–100
100
IS
IEN
–200
200
–300
300
–400
35
1967 G11
12
46
INPUT SIGNAL FREQUENCY (Hz)
10
100
100
10k
100k
1M
1967 G12
1
1k
1000
10M
0.1% ERROR
10%
ERROR
–3dB
1% ERROR
Input Signal Bandwidth
INPUT SIGNAL FREQUENCY (Hz)
100
190
192
194
196
198
1k
10k
100k
1M
10M
1967 G13
188
186
184
182
200
202
1%/DIV
CAVE = 1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com