Electronic Components Datasheet Search
  English  ▼

X  

LTC1967 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1967
Description  Precision Extended Bandwidth, RMS-to-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1967 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1967 Datasheet HTML 2Page - Linear Technology LTC1967 Datasheet HTML 3Page - Linear Technology LTC1967 Datasheet HTML 4Page - Linear Technology LTC1967 Datasheet HTML 5Page - Linear Technology LTC1967 Datasheet HTML 6Page - Linear Technology LTC1967 Datasheet HTML 7Page - Linear Technology LTC1967 Datasheet HTML 8Page - Linear Technology LTC1967 Datasheet HTML 9Page - Linear Technology LTC1967 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
LTC1967
1967f
TYPICAL PERFOR A CE CHARACTERISTICS
Bandwidth to 200kHz
DC Transfer Function Near Zero
Input Common Mode Rejection
Ratio vs Frequency
Output Accuracy
vs Signal Amplitude
INPUT FREQUENCY (Hz)
0
199
200
202
150k
1967 G14
198
197
50k
100k
200k
196
195
201
0.5%/DIV
CAVE = 47µF
VIN1 (mV DC)
–30
–10
0
10
20
–20
–10
010
1967 G15
20
30
40
–5
5
15
25
35
30
VIN2 = MIDSUPPLY
THREE REPRESENTATIVE UNITS
INPUT FREQUENCY (Hz)
10
0
20
40
60
100
1k
10k
100k
1967 G16
1M
80
100
10
30
50
70
90
10M
4.5V COMMON
MODE INPUT
CONVERSION
TO DC OUTPUT
VIN1 (VRMS)
0
–20
–15
–10
–5
0
5
10
0.5
1
1.5
DC
2
1967 G17
1% ERROR
VIN2 = MIDSUPPLY
–1% ERROR
AC – 60Hz
SINEWAVE
Output Noise vs Input Frequency
INPUT FREQUENCY (Hz)
1k
0.001
0.01
0.1
1
10k
100k
1967 G18
PEAK NOISE DURING
10 SECOND MEASUREMENT
CAVE = 1µF
CAVE = 100µF
CAVE = 10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com