Electronic Components Datasheet Search
  English  ▼

X  

LTC4012-1 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4012-1
Description  High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4012-1 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4012-1 Datasheet HTML 5Page - Linear Technology LTC4012-1 Datasheet HTML 6Page - Linear Technology LTC4012-1 Datasheet HTML 7Page - Linear Technology LTC4012-1 Datasheet HTML 8Page - Linear Technology LTC4012-1 Datasheet HTML 9Page - Linear Technology LTC4012-1 Datasheet HTML 10Page - Linear Technology LTC4012-1 Datasheet HTML 11Page - Linear Technology LTC4012-1 Datasheet HTML 12Page - Linear Technology LTC4012-1 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
4012f
LTC4012/
LTC4012-1/LTC4012-2
PIN FUNCTIONS
PROG (Pin 13): Charge Current Programming and Monitor-
ing Pin. An external resistance connected between PROG
and GND, along with the current sense and PWM input
resistors, programs the maximum charge current. The
voltage on this pin can also provide a linearized indicator
of charge current. Refer to the Applications Information
section for complete details on current programming and
monitoring. Operating voltage range is GND to INTVDD.
CSN (Pin 14): Charge Current Sense Negative Input.
Place an external input resistor (RIN, Figure 1)
between this pin and the negative side of the charge
current sense resistor. Operating voltage ranges from
(BAT – 50mV) to (BAT + 200mV).
CSP (Pin 15): Charge Current Sense Positive Input.
Place an external input resistor (RIN, Figure 1) be-
tween this pin and the positive side of the charge
current sense resistor. Operating voltage ranges from
(BAT – 50mV) to (BAT + 200mV).
BGATE (Pin 16): External Synchronous NFET Gate Control
Output. This output provides gate drive to an external NMOS
power transistor switch used for synchronous rectification
to increase efficiency in the step-down DC/DC converter.
Operating voltage is GND to INTVDD. BGATE should be
left floating if not used.
INTVDD (Pin 17): Internal 5V Regulator Output. This pin
provides a means of bypassing the internal 5V regulator
used to power the LTC4012 PWM FET drivers. This supply
shuts down when the LTC4012 shuts down. Refer to the
Application Information section for details if additional
power is drawn from this pin by the application circuit.
SW (Pin 18): PWM Switch Node. The LTC4012 uses the
voltage on this pin as the source reference for its topside
NFET (PWM switch) driver. Refer to the Applications In-
formation section for additional PCB layout suggestions
related to this critical circuit node. Operating voltage range
is GND to CLN.
TGATE (Pin 19): External NFET Switch Gate Control Output.
This output provides gate drive to an external NMOS power
transistor switch used in the DC/DC converter. Operating
voltage range is GND to (CLN + 5V).
BOOST (Pin 20): TGATE Driver Supply Input. A bootstrap
capacitor is returned to this pin from a charge network
connected to SW and INTVDD. Refer to the Applications
Information section for complete details on circuit topol-
ogy and component values. Operating voltage ranges from
(INTVDD – 1V) to (CLN + 5V).
Exposed Pad (Pin 21): Ground. The package paddle
provides a single-point ground for the internal voltage
reference and other critical LTC4012 circuits. It must be
soldered to a suitable PCB copper ground pad for proper
electrical operation and to obtain the specified package
thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com