Electronic Components Datasheet Search
  English  ▼

X  

LTC4012-1 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4012-1
Description  High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4012-1 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4012-1 Datasheet HTML 12Page - Linear Technology LTC4012-1 Datasheet HTML 13Page - Linear Technology LTC4012-1 Datasheet HTML 14Page - Linear Technology LTC4012-1 Datasheet HTML 15Page - Linear Technology LTC4012-1 Datasheet HTML 16Page - Linear Technology LTC4012-1 Datasheet HTML 17Page - Linear Technology LTC4012-1 Datasheet HTML 18Page - Linear Technology LTC4012-1 Datasheet HTML 19Page - Linear Technology LTC4012-1 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTC4012/
LTC4012-1/LTC4012-2
16
4012f
APPLICATIONS INFORMATION
Programming Charge Current
The formula for charge current is:
I
R
R
V
R
μA
CHRG
IN
SENSE
PROG
=
⎛
⎝⎜
⎞
⎠⎟
•
.
–.
12085
11 67
The LTC4012 operates best with 3.01k input resistors,
although other resistors near this value can be used to
accommodate standard sense resistor values. Refer to
the subsequent discussion on inductor selection for other
considerations that come into play when selecting input
resistors RIN.
RSENSE should be chosen according to the following
equation:
R
mV
I
SENSE
MAX
=
100
where IMAX is the desired maximum charge current ICHRG.
The 100mV target can be adjusted to some degree to obtain
standard RSENSE values and/or a desired RPROG value, but
target voltages lower than 100mV will cause a proportional
reduction in current regulation accuracy.
The required minimum resistance between PROG and GND
can be determined by applying the suggested expression
for RSENSE while solving the first equation given above for
charge current with ICHRG = IMAX:
R
VR
VμA R
PROG MIN
IN
IN
()
.•
..
•
=
+
12085
0 1
11 67
If RIN is chosen to be 3.01k with a sense voltage of 100mV,
this equation indicates a minimum value for RPROG of
26.9k. Table 6 gives some examples of recommended
charge current programming component values based
on these equations.
The resistance between PROG and GND can simply be
set with a single a resistor, if only maximum charge cur-
rent needs to be controlled during the desired charging
algorithm.
However, some batteries require a low charge cur-
rent for initial conditioning when they are heav-
ily discharged. The charge current can then be safely
switched to a higher level after conditioning is complete.
Figure 3 illustrates one method of doing this with 2-level
control of the PROG pin resistance. Turning Q1 off reduces
the charge current to IMAX/10 for battery conditioning.
When Q1 is on, the LTC4012 is programmed to allow
full IMAX current for bulk charge. This technique can be
expanded through the use of additional digital control
inputs for an arbitrary number of pre-programmed cur-
rent values.
For a truly continuous range of maximum charge current
control, pulse width modulation can be used as shown
in Figure 4.
Figure 3. Programming 2-Level Charge Current
13
Q1
2N7002
4012 F03
R2
53.6k
PROG
LTC4012
R1
26.7k
CPROG
4.7nF
BULK
CHARGE
PRECHARGE
Figure 4. Programming PWM Current
13
Q1
2N7002
4012 F04
PROG
LTC4012
RPROG
RMAX
511k
CPROG
0V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com