Electronic Components Datasheet Search
  English  ▼

X  

LTC4012-1 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC4012-1
Description  High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4012-1 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC4012-1 Datasheet HTML 11Page - Linear Technology LTC4012-1 Datasheet HTML 12Page - Linear Technology LTC4012-1 Datasheet HTML 13Page - Linear Technology LTC4012-1 Datasheet HTML 14Page - Linear Technology LTC4012-1 Datasheet HTML 15Page - Linear Technology LTC4012-1 Datasheet HTML 16Page - Linear Technology LTC4012-1 Datasheet HTML 17Page - Linear Technology LTC4012-1 Datasheet HTML 18Page - Linear Technology LTC4012-1 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
15
4012f
LTC4012/
LTC4012-1/LTC4012-2
The ITH output of the error amplifier is a scaled control
voltage for one input of the PWM comparator CC. ITH
sets a peak inductor current threshold, sensed by R1, to
maintain the desired average current through RSENSE. The
current comparator output does this by switching the state
of the RS latch at the appropriate time.
At the beginning of each oscillator cycle, the PWM
clock sets the RS latch and turns on the external
topside NFET (bottom-side synchronous NFET off) to
refresh the current carried by the external inductor L1.
The inductor current and voltage across RSENSE begin
to rise linearly. CA buffers this instantaneous voltage
rise and applies it to CC with gain supplied by R1.
When the voltage across R1 exceeds the peak level set by
the ITH output of EA, the top FET turns off and the bottom
FET turns on. The inductor current then ramps down linearly
until the next rising PWM clock edge. This closes the loop
and sources the correct inductor current to maintain the
desired parameter (charge current, battery voltage, or
input current). To produce a near constant frequency,
the PWM oscillator implements the equation:
t
CLP BAT
CLP
kHz
OFF =
–
• 550
Repetitive, closed-loop waveforms for stable PWM
operation appear in Figure 2.
PWM Watchdog Timer
As input and output conditions vary, the LTC4012 may need
to utilize PWM duty cycles approaching 100%. In this case,
operating frequency may be reduced well below 550kHz.
An internal watchdog timer observes the activity on the
TGATE pin. If TGATE is on for more than 40μs, the watchdog
activates and forces the bottom NFET on (top NFET off)
for about 100ns. This avoids a potential source of audible
noise when using ceramic input or output capacitors and
prevents the boost supply capacitor for the top gate driver
from discharging. In low drop out operation, the actual
charge current may not be able to reach the programmed
full-scale value due to the watchdog function.
Overvoltage Protection
The LTC4012 also contains overvoltage detection that
prevents transient battery voltage overshoots of more than
about 6% above the programmed output voltage. When
battery overvoltage is detected, both external MOSFETs are
turned off until the overvoltage condition clears, at which
time a new soft start sequence begins. This is useful for
properly charging battery packs that use an internal switch
to disconnect themselves for performing functions such
as calibration or pulse mode charging.
Reverse Charge Current Protection (Anti-Boost)
Because the LTC4012 always attempts to operate
synchronously in full continuous mode (to avoid audible
noise from ceramic capacitors), reverse average charge
current can occur during some invalid operating conditions.
INFET PowerPath control avoids boosting a lightly loaded
system supply during reverse operation. However, under
heavier system loads, CLP may not boost above DCIN,
even though reverse average current is flowing. In this case
a second circuit monitors indication of reverse average
current on PROG.
If either of these circuits detects boost operation, The
LTC4012 turns off both external MOSFETs until the reverse
current condition clears. At that point, a new soft-start
sequence begins.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com