Electronic Components Datasheet Search
  English  ▼

X  

LTC4012-1 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4012-1
Description  High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4012-1 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4012-1 Datasheet HTML 6Page - Linear Technology LTC4012-1 Datasheet HTML 7Page - Linear Technology LTC4012-1 Datasheet HTML 8Page - Linear Technology LTC4012-1 Datasheet HTML 9Page - Linear Technology LTC4012-1 Datasheet HTML 10Page - Linear Technology LTC4012-1 Datasheet HTML 11Page - Linear Technology LTC4012-1 Datasheet HTML 12Page - Linear Technology LTC4012-1 Datasheet HTML 13Page - Linear Technology LTC4012-1 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC4012/
LTC4012-1/LTC4012-2
10
4012f
BLOCK DIAGRAM
–
+
19
EA
R1
TO INTERNAL
CIRCUITS
TO
INTERNAL
CIRCUITS
CC
–
+
CA
1.2085V
REFERENCE
5V
REGULATOR
PWM
LOGIC
FAULT
DETECTION
C/10
DETECTION
SHUTDOWN
CONTROL
OSCILLATOR
BAT
SHUTDOWN
CHARGE
INPUT
CURRENT
LIMIT
TGATE
20
BOOST
12
ITH
13
PROG
14
CSN
15
CSP
18
SW
21
GND
(PADDLE)
4012 BD01
16
BGATE
17
INTVDD
TO
INTERNAL
CIRCIUTS
11
VFB
9
CHRG
7
FBDIV
10
ACP
6
SHDN
ICL
8
CLP
CLN
2
1
INFET
3
DCIN
4
+
–
IF
5
(LTC4012)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com