Electronic Components Datasheet Search
  English  ▼

X  

LTC4012-1 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4012-1
Description  High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4012-1 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4012-1 Datasheet HTML 8Page - Linear Technology LTC4012-1 Datasheet HTML 9Page - Linear Technology LTC4012-1 Datasheet HTML 10Page - Linear Technology LTC4012-1 Datasheet HTML 11Page - Linear Technology LTC4012-1 Datasheet HTML 12Page - Linear Technology LTC4012-1 Datasheet HTML 13Page - Linear Technology LTC4012-1 Datasheet HTML 14Page - Linear Technology LTC4012-1 Datasheet HTML 15Page - Linear Technology LTC4012-1 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTC4012/
LTC4012-1/LTC4012-2
12
4012f
OPERATION
Overview
The LTC4012 is a synchronous step-down (buck) current
mode PWM battery charger controller. The maximum
charge current is programmed by the combination of a
charge current sense resistor (RSENSE), matched input
resistors (RIN, Figure 1), and a programming resistor
(RPROG) between the PROG and GND pins. Battery
voltage is programmed with an external resistor divider
between FBDIV and GND (LTC4012) or two digital battery
voltage select pins (LTC4012-1/LTC4012-2). In addition,
the PROG pin provides a linearized voltage output of the
actual charge current.
The LTC4012 family does not have built-in charge
termination and is flexible enough for charging any type
of battery chemistry. These are building block ICs intended
for use with an external circuit, such as a microcontroller,
capable of managing the entire algorithm required for
the specific battery being charged. Each member of the
LTC4012 family features a shutdown input and various state
indicator outputs, allowing easy and direct management by
a wide range of external (digital) charge controllers. Due
to the popularity of rechargeable Lithium-Ion chemistries,
the LTC4012-1 and LTC4012-2 also offer internal precision
resistors that can be digitally selected to produce one of
four preset output voltages for simplified design of those
charger types.
Shutdown
The LTC4012 remains in shutdown until DCIN is greater
than 5.1V and exceeds CLP by 60mV and SHDN is driven
above 1.4V. In shutdown, current drain from the battery
is reduced to the lowest possible level, thereby increasing
standby time. When in shutdown, the ITH pin is pulled to
GND and CHRG, ICL, FET gate drivers and INTVDD output
are all disabled. The charging can be stopped at any time
by forcing SHDN below 300mV.
AC Present Indication
The ACP status output correctly indicates sensed adapter
input voltage during all LTC4012 states. AC present is
indicated (ACP output low) as soon as DCIN exceeds
BAT by at least 500mV. Charging is not enabled until this
condition is first met. After this event, charging is no longer
gated by AC present detection. If battery voltage rises due
to ESR, or DCIN droops due to current load, AC present
may no longer be indicated by the IC if charging was
started with very low input overhead. However, charging
will remain enabled unless DCIN falls below the supply
voltage on CLP.
Input PowerPath Control
The input PFET controller performs many important
functions. First, it monitors DCIN and enables the charger
when this input voltage is higher than the raw CLP system
supply. Next, it controls the gate of an external input
power PFET to maintain a low forward voltage drop when
charging, creating improved efficiency. It also prevents
reverse current flow through this same PFET, providing
a suitable input blocking function. Finally, it helps avoid
synchronous boost operation during invalid operating
conditions by detecting elevated CLP voltage and forcing
the charger off.
If DCIN voltage is less than CLP, then DCIN must rise
60mV higher than CLP to enable the charger and activate
the ideal diode control. At this point, the ACPb status
output also transitions to low impedance to indicate
to the host system that an external adapter is present.
The gate of the input PFET is driven to a voltage sufficient
to regulate a forward drop between DCIN and CLP of about
25mV. If the input voltage differential drops below this
point, the FET is turned off slowly. If the voltage between
DCIN and CLP drops to less than –25mV, the input FET is
turned off in less than 6μs to prevent significant reverse
current from flowing back through the PFET. In this case,
ACPb also switches back to high impedance and the
charger is disabled.
Soft-Start
Exiting the shutdown state enables the charger and releases
the ITH pin. When enabled, switching will not begin until
DCIN exceeds BAT by 500mV and ITH exceeds a threshold
that assures initial current will be positive (about 5% to
25% of the maximum programmed current). To limit inrush
current, soft-start delay is created with the compensation
values used on the ITH pin. Longer soft-start times can be
realized by increasing the filter capacitor on ITH, if reduced
loop bandwidth is acceptable. The actual charge current at



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com