Electronic Components Datasheet Search
  English  ▼

X  

SH7262 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # SH7262
Description  High-speed Read/Write Serial Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7262 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button SH7262 Datasheet HTML 33Page - Renesas Technology Corp SH7262 Datasheet HTML 34Page - Renesas Technology Corp SH7262 Datasheet HTML 35Page - Renesas Technology Corp SH7262 Datasheet HTML 36Page - Renesas Technology Corp SH7262 Datasheet HTML 37Page - Renesas Technology Corp SH7262 Datasheet HTML 38Page - Renesas Technology Corp SH7262 Datasheet HTML 39Page - Renesas Technology Corp SH7262 Datasheet HTML 40Page - Renesas Technology Corp SH7262 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
SH7262/SH7264 Group
High-speed Read/Write Serial Flash Memory
Using the Renesas Serial Peripheral Interface
REJ06B0889-0100/Rev.1.00
June 2009
Page 37 of 45
3.19
Sample Program Listing "serial_flash.c" (16/19)
638
639
640
641
642
643
644
645
646
647
648
649
650
651
652
653
654
655
656
657
658
659
660
661
662
663
664
/* ---- MISO (read data) ---- */
RSPI0.SPCMD0.BIT.CPOL= 0;
/* RSPCK when idling is 0 */
RSPI0.SPCMD0.BIT.CPHA= 1;
/* Latches data on even (falling) edge */
RSPI0.SPBFCR.BYTE
= 0xC0u;
/* Resets buffer */
RSPI0.SPBFCR.BYTE
= 0x00u;
RSPI0.SPDCR.BIT.SPLW = 3;
/* Access width to the SPDR register: 32-bit */
RSPI0.SPCMD0.BIT.SPB = 3;
/* Transfer data length: 32-bit */
RSPI0.SPDCR.BIT.TXDMY = 1;
/* Enables to transmit the dummy data */
rd_sz >>= 2;
/* Calculates the number of transfers in longword */
while( rd_sz-- ){
while( RSPI0.SPSR.BIT.SPRF == 0){
/* wait */
}
*rd++ = RSPI0.SPDR.LONG;
}
RSPI0.SPDCR.BIT.TXDMY = 0;
/* Disables to transmit the dummy data */
io_wait_tx_end();
/* Waits for transfer end */
/* ==== Restores the SPI to default setting ==== */
RSPI0.SPCR.BIT.SPE = 0;
RSPI0.SPDCR.BIT.SPLW = 1;
/* Access width to the SPDR register: 8-bit */
RSPI0.SPCMD0.BIT.SPB = 7;
/* Transfer data length: 8-bit */
}
#ifdef SF_USE_DMAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com