Electronic Components Datasheet Search
  English  ▼

X  

SH7262 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # SH7262
Description  High-speed Read/Write Serial Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7262 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button SH7262 Datasheet HTML 12Page - Renesas Technology Corp SH7262 Datasheet HTML 13Page - Renesas Technology Corp SH7262 Datasheet HTML 14Page - Renesas Technology Corp SH7262 Datasheet HTML 15Page - Renesas Technology Corp SH7262 Datasheet HTML 16Page - Renesas Technology Corp SH7262 Datasheet HTML 17Page - Renesas Technology Corp SH7262 Datasheet HTML 18Page - Renesas Technology Corp SH7262 Datasheet HTML 19Page - Renesas Technology Corp SH7262 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
SH7262/SH7264 Group
High-speed Read/Write Serial Flash Memory
Using the Renesas Serial Peripheral Interface
REJ06B0889-0100/Rev.1.00
June 2009
Page 16 of 45
C
End
DMA transfer is
completed?
Yes
No
Disable the SPI to transfer data
• Set the SPCR register (SPE bit = 0)
Function: Disable the RSPI
SSL signal is negated by this setting. As the RSPI control bit is
not initialized, reset the SPE bit to 1 to activate the RSPI in the
same transfer mode.
• Make sure the transfer is complete before clearing the SPE bit.
Wait for the transfer end
Start to transmit dummy data
• Set the SPDCR register (TXDMY bit = 1)
Function: Enable the SPI to transmit dummy data (The dummy data is
automatically sent when not writing data in the Data register.)
Stop transmitting the dummy data
Reset the access width in bytes
• Set the SPDCR register (SPLW bit = 1)
Function: Specify the access width to the SPDR register as 8-bit
• Set the SPCMD register (SPB bit = 7)
Function: Specify the transfer data length as 8-bit
Disable the DMA transfer
Figure 13 Flow Chart of the Read Command Transfer (3/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com