Electronic Components Datasheet Search
  English  ▼

X  

SH7262 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # SH7262
Description  High-speed Read/Write Serial Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7262 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button SH7262 Datasheet HTML 11Page - Renesas Technology Corp SH7262 Datasheet HTML 12Page - Renesas Technology Corp SH7262 Datasheet HTML 13Page - Renesas Technology Corp SH7262 Datasheet HTML 14Page - Renesas Technology Corp SH7262 Datasheet HTML 15Page - Renesas Technology Corp SH7262 Datasheet HTML 16Page - Renesas Technology Corp SH7262 Datasheet HTML 17Page - Renesas Technology Corp SH7262 Datasheet HTML 18Page - Renesas Technology Corp SH7262 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
SH7262/SH7264 Group
High-speed Read/Write Serial Flash Memory
Using the Renesas Serial Peripheral Interface
REJ06B0889-0100/Rev.1.00
June 2009
Page 15 of 45
C
Enable the transfer request to DMAC
B
• Set the CHCR register (H'0000 0000)
Function: Disable the DMA transfer
• Set the DMARS register (H'0052)
Function: Specify the RSPI channel 0 reception as the factor to
activate the DMAC
• Set the DMAOR register (H'0001)
Function: Enable the DMA transfer on all channels
• Set the SAR register (Set the SPDR register address)
Function: Specify the DMA transfer source address
• Set the DAR register
Function: Specify the DMA transfer destination address)
• Set the DMATCR register
Function: Specify the number of the DMA transfers
• Set the CHCR register (H'0000 4811)
Functions:
(1) Specify the DMA transfer to stop when the TE bit is set
(2) Increment the destination address
(3) Fix the source address
(4) Specify the DMA extension selector as the transfer request source
(5) Specify the transfer bus mode as the cycle steal mode
(6) Specify the transfer size in units of longword
(7) Disable the interrupt request
(8) Enable the DMA transfer
Set the DMA transfer
• Set the SPCR register (SPRIE bit = 1)
Function: Enable the RSPI receive interrupt
(As this is specified as a factor to activate the DMAC, the interrupt is not
requested to CPU.)
Figure 12 Flow Chart of the Read Command Transfer (2/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com