Electronic Components Datasheet Search
  English  ▼

X  

SH7262 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # SH7262
Description  High-speed Read/Write Serial Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7262 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button SH7262 Datasheet HTML 4Page - Renesas Technology Corp SH7262 Datasheet HTML 5Page - Renesas Technology Corp SH7262 Datasheet HTML 6Page - Renesas Technology Corp SH7262 Datasheet HTML 7Page - Renesas Technology Corp SH7262 Datasheet HTML 8Page - Renesas Technology Corp SH7262 Datasheet HTML 9Page - Renesas Technology Corp SH7262 Datasheet HTML 10Page - Renesas Technology Corp SH7262 Datasheet HTML 11Page - Renesas Technology Corp SH7262 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
SH7262/SH7264 Group
High-speed Read/Write Serial Flash Memory
Using the Renesas Serial Peripheral Interface
REJ06B0889-0100/Rev.1.00
June 2009
Page 8 of 45
This section describes the MISO transfer.
As the master latches data in the MISO transfer, set CPOL and CPHA bits so that the master latches data one cycle after the
slave outputs data. As the serial flash memory used in this application outputs data on the falling edge, the SH7264 must
latches data on the preceding edge (falling edge). (CPOL =1, CPHA = 0) setting is already used in the MOSI transfer,
however, change the setting to (CPOL 0, CPHA = 1) for the following reason.
Figure 5 shows the timing without changing the settings of CPOL and CPHA bits. As the master latches data when the slave
outputs data on the falling edge of the RSPCK falling edge, this setting does not satisfy the timing condition.
Figure 6 shows the timing for (CPOL = 0, CPHA = 1). As the RSPCK falls when changing the RSPI setting, the slave
outputs data at the same timing. Then, the master latches data one cycle after the falling edge of the RSPCK. This setting
satisfies the timing condition.
SSL00
MOSI0
RSPCK0
MISO0
Slave outputs the
first data bit
Slave outputs the
second data bit
Master outputs
the last data bit
2
1
RSPCK
frequency
The timing when the master
latches the first data bit
Serial flash memory outputs data on falling edge, just
after commands are input.
Figure 5 Interface Timing on MISO Transfer (CPOL and CPHA bits are not changed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com