Electronic Components Datasheet Search
  English  ▼

X  

EX613 Datasheet(PDF) 8 Page - Extech Instruments Corporation.

Part # EX613
Description  400Amp True RMS AC/DC Clamp Meter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX613 Datasheet(HTML) 8 Page - Extech Instruments Corporation.

Back Button EX613 Datasheet HTML 4Page - Extech Instruments Corporation. EX613 Datasheet HTML 5Page - Extech Instruments Corporation. EX613 Datasheet HTML 6Page - Extech Instruments Corporation. EX613 Datasheet HTML 7Page - Extech Instruments Corporation. EX613 Datasheet HTML 8Page - Extech Instruments Corporation. EX613 Datasheet HTML 9Page - Extech Instruments Corporation. EX613 Datasheet HTML 10Page - Extech Instruments Corporation. EX613 Datasheet HTML 11Page - Extech Instruments Corporation. EX613 Datasheet HTML 12Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
EX613 V2.2 07/08
8
Capacitance Measurements
WARNING: To avoid electric shock, discharge the capacitor before measuring.
1.
Slide the input shutter to the up position.
2.
Rotate the function switch to the
capacitance position.
3.
Insert the black test lead banana plug into the negative COM jack.
Insert the red test lead banana plug into the positive
jack.
4.
Touch the black test probe tip to one side of the device.
Touch the red test probe tip to the other side of the device.
5.
Read the capacitance value in the display.
Note: For very large values of capacitance measurement time can be
several seconds before the final reading stabilizes.
Note: The Zero feature removes stray test lead capacitance to improve
the accuracy of low value capacitance measurements. To perform
a zero, Press and hold the MODE ZERO button for two beeps. The
display will zero. The offset value is now stored and is removed
from all measurements.
.
Frequency and Duty Ratio Measurements
1.
Slide the input shutter to the up position.
2.
Rotate the function switch to the Hz % Position.
3.
Insert the black test lead banana plug into the negative COM jack.
Insert the red test lead banana plug into the positive Hz jack.
4.
Touch the black test probe tip to one side of the device.
Touch the red test probe tip to the other side of the device.
5.
Read the Frequency value on the upper large display.
Read the Duty Ratio on the lower small display.
6.
Press the MODE button to display the Duty Ratio on the large
display.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com