Electronic Components Datasheet Search
  English  ▼

X  

EX613 Datasheet(PDF) 11 Page - Extech Instruments Corporation.

Part # EX613
Description  400Amp True RMS AC/DC Clamp Meter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX613 Datasheet(HTML) 11 Page - Extech Instruments Corporation.

Back Button EX613 Datasheet HTML 6Page - Extech Instruments Corporation. EX613 Datasheet HTML 7Page - Extech Instruments Corporation. EX613 Datasheet HTML 8Page - Extech Instruments Corporation. EX613 Datasheet HTML 9Page - Extech Instruments Corporation. EX613 Datasheet HTML 10Page - Extech Instruments Corporation. EX613 Datasheet HTML 11Page - Extech Instruments Corporation. EX613 Datasheet HTML 12Page - Extech Instruments Corporation. EX613 Datasheet HTML 13Page - Extech Instruments Corporation. EX613 Datasheet HTML 14Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
EX613 V2.2 07/08
11
Maintenance
WARNING: To avoid electrical shock, disconnect the meter from any circuit, remove the
test leads from the input terminals, and turn OFF the meter before opening the case. Do
not operate the meter with an open case.
Cleaning and Storage
Periodically wipe the case with a damp cloth and mild detergent; do not use abrasives or
solvents. If the meter is not to be used for 60 days or more, remove the battery and store it
separately.
Battery Replacement
1.
Remove the Phillips head screw that secures the rear battery door
2.
Open the battery compartment
3.
Replace the 9V battery
4.
Secure the battery compartment door
Fuse Replacement
1.
Remove the battery
2.
Remove the Phillips head screws (2) that secures the rear cover.
3.
Replace the fuse with one of equal rating. (500mA, 660V fast blow [SIBA 70-180-40])
4.
Replace the rear cover and battery
Warranty
EXTECH INSTRUMENTS CORPORATION(a FLIR company) warrants this instrument to be free
of defects in parts and workmanship for one year from date of shipment (a six month limited
warranty applies to sensors and cables). If it should become necessary to return the instrument for
service during or beyond the warranty period, contact the Customer Service Department at (781)
890-7440 ext. 210 for authorization or visit our website www.extech.com for contact information. A
Return Authorization (RA) number must be issued before any product is returned to Extech. The
sender is responsible for shipping charges, freight, insurance and proper packaging to prevent
damage in transit. This warranty does not apply to defects resulting from action of the user such as
misuse, improper wiring, operation outside of specification, improper maintenance or repair, or
unauthorized modification. Extech specifically disclaims any implied warranties or merchantability
or fitness for a specific purpose and will not be liable for any direct, indirect, incidental or
consequential damages. Extech's total liability is limited to repair or replacement of the product.
The warranty set forth above is inclusive and no other warranty, whether written or oral, is
expressed or implied.
Calibration and Repair Services
Extech offers repair and calibration services for the products we sell. Extech also
provides NIST certification for most products. Call the Customer Care Department for
information on calibration services available for this product. Extech recommends that
annual calibrations be performed to verify meter performance and accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com