Electronic Components Datasheet Search
  English  ▼

X  

EX613 Datasheet(PDF) 9 Page - Extech Instruments Corporation.

Part # EX613
Description  400Amp True RMS AC/DC Clamp Meter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX613 Datasheet(HTML) 9 Page - Extech Instruments Corporation.

Back Button EX613 Datasheet HTML 5Page - Extech Instruments Corporation. EX613 Datasheet HTML 6Page - Extech Instruments Corporation. EX613 Datasheet HTML 7Page - Extech Instruments Corporation. EX613 Datasheet HTML 8Page - Extech Instruments Corporation. EX613 Datasheet HTML 9Page - Extech Instruments Corporation. EX613 Datasheet HTML 10Page - Extech Instruments Corporation. EX613 Datasheet HTML 11Page - Extech Instruments Corporation. EX613 Datasheet HTML 12Page - Extech Instruments Corporation. EX613 Datasheet HTML 13Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
EX613 V2.2 07/08
9
μA DC/AC Current Measurements
1.
Slide the input shutter to the up position.
2.
Rotate the function switch to the
μA position.
3.
Press the MODE button to select AC or DC.
4.
Insert the black test lead banana plug into the negative COM jack.
Insert the red test lead banana plug into the positive
μA jack.
5.
Turn power to the circuit under test off and make a break in the circuit.
6.
Insert the meter in series with the circuit;
Touch the black test probe tip to the negative side of the break.
Touch the red test probe tip to the positive side of the break.
7.
Turn circuit power on.
8.
Read the current value in the display.
Type K Temperature Measurements
1.
Slide the input shutter to the down position.
2.
Rotate the function switch to the TYPE K temperature position.
3.
Press the MODE button to select °F or °C.
4.
Insert the Temperature Probe(s) into the T1 and/or T2 type k sockets.
5.
Place the temperature probe tip(s) where needed.
6.
Read the temperature on the display.
7.
Press the T1-T2 button to step through the display combinations:
Upper display
Lower display
a.
T1
T2
b.
T2
T1
c.
T1-T2
T1
d.
T1- T2
T2
Note: In case of an open input or a temperature overrange, the meter will display “- - - -” .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com