Electronic Components Datasheet Search
  English  ▼

X  

EX613 Datasheet(PDF) 12 Page - Extech Instruments Corporation.

Part # EX613
Description  400Amp True RMS AC/DC Clamp Meter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX613 Datasheet(HTML) 12 Page - Extech Instruments Corporation.

Back Button EX613 Datasheet HTML 6Page - Extech Instruments Corporation. EX613 Datasheet HTML 7Page - Extech Instruments Corporation. EX613 Datasheet HTML 8Page - Extech Instruments Corporation. EX613 Datasheet HTML 9Page - Extech Instruments Corporation. EX613 Datasheet HTML 10Page - Extech Instruments Corporation. EX613 Datasheet HTML 11Page - Extech Instruments Corporation. EX613 Datasheet HTML 12Page - Extech Instruments Corporation. EX613 Datasheet HTML 13Page - Extech Instruments Corporation. EX613 Datasheet HTML 14Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
EX613 V2.2 07/08
12
Specifications
Function
Range
Resolution
Accuracy
(% of reading + digits)
400.0 AAC
0.1A
AC Current
50/60 Hz
True RMS
40.00 AAC
0.01A
±(1.5% + 5 digits)
400.0 ADC
0.1A
DC Current
40.00 ADC
0.01A
±(1.5% + 5 digits)
400.00
μA
0.01
μA
AC/DC
μA
Current
4000.0
μA
0.1
μA
DC: ±(1.0% + 2 digits)
AC: ±(1.5% + 2 digits)
400.0 mVAC
0.1mV
±(1.0% + 20 digits)
4.000 VAC
0.001V
40.00 VAC
0.01V
400.0 VAC
0.1V
AC Voltage
50/60 Hz
True RMS
600 VAC
1V
±(2.0% + 5 digits)
400.00 mVDC
0.01mV
4.0000 VDC
0.0001V
40.000 VDC
0.001V
400.00 VDC
0.01V
±(0.1% + 2 digits)
DC Voltage
600.0 VDC
0.1V
±(1.0% + 2 digits)
400.00
Ω
0.01
Ω
±(0.8% + 20 digits)
4.0000k
Ω
0.0001k
Ω
40.000k
Ω
0.001k
Ω
400.00k
Ω
0.01k
Ω
4.0000M
Ω
0.0001M
Ω
±(0.8% + 4 digits)
Resistance
40.000M
Ω
0.001M
Ω
±(2.5% + 10 digits)
400.00nF
0.01nF
±(5.0% + 40 digits)
4000.0nF
0.1nF
±(3.0% + 10 digits)
400.00µF
0.01µF
±(3.5% + 10 digits)
4000.0µF
0.1µF
Capacitance
40.000mF
0.001mF
±(5.0% + 10 digits)
400.00Hz
0.01Hz
±(1.0% + 3 digits)
Frequency
(clamp)
Sensitivity: 5Arms minimum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com