Electronic Components Datasheet Search
  English  ▼

X  

MA200 Datasheet(PDF) 7 Page - Extech Instruments Corporation.

Part # MA200
Description  400A AC Clamp Meter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MA200 Datasheet(HTML) 7 Page - Extech Instruments Corporation.

  MA200 Datasheet HTML 1Page - Extech Instruments Corporation. MA200 Datasheet HTML 2Page - Extech Instruments Corporation. MA200 Datasheet HTML 3Page - Extech Instruments Corporation. MA200 Datasheet HTML 4Page - Extech Instruments Corporation. MA200 Datasheet HTML 5Page - Extech Instruments Corporation. MA200 Datasheet HTML 6Page - Extech Instruments Corporation. MA200 Datasheet HTML 7Page - Extech Instruments Corporation. MA200 Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MA200 Version 1.4 06/06
7
Diode Test
1. Turn the rotary switch to the
Ω
•)))
position.
2. Insert the black test lead banana plug into the negative
(COM) jack and the red test lead banana plug into the
positive (V
Ω) jack.
3. Push the mode button to indicate
on the display.
4. Touch the test probes to the diode under test. Forward
voltage will indicate 400 to 700mV. Reverse voltage will
indicate “OL”. Shorted devices will indicate near 0mV.
Shorted devices will indicate near 0mV and an open
device will indicate “OL” in both polarities.
Data Hold
To freeze the LCD meter reading, press the data hold button. The data hold button is
located on the left side of the meter (bottom button). While data hold is active, the HOLD
display icon appears on the LCD. Press the data hold button again to return to normal
operation.
MAX Hold
To hold the highest reading on the LCD, press the MAX button. The max hold button is
located on the left side of the meter (top button). While data hold is active, the MAX display
icon appears on the LCD. The meter reading will not change as readings change, rather it
will only display the highest reading encountered since the max hold button was pressed.
Press the max hold button again to return to normal operation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com