Electronic Components Datasheet Search
  English  ▼

X  

MA200 Datasheet(PDF) 4 Page - Extech Instruments Corporation.

Part # MA200
Description  400A AC Clamp Meter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MA200 Datasheet(HTML) 4 Page - Extech Instruments Corporation.

  MA200 Datasheet HTML 1Page - Extech Instruments Corporation. MA200 Datasheet HTML 2Page - Extech Instruments Corporation. MA200 Datasheet HTML 3Page - Extech Instruments Corporation. MA200 Datasheet HTML 4Page - Extech Instruments Corporation. MA200 Datasheet HTML 5Page - Extech Instruments Corporation. MA200 Datasheet HTML 6Page - Extech Instruments Corporation. MA200 Datasheet HTML 7Page - Extech Instruments Corporation. MA200 Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MA200 Version 1.4 06/06
4
Meter Description
1.
Transformer jaws
2.
MAX Hold button
3.
Hold button
4.
LCD Display
5.
COM Input Terminal
6.
Jaw opening trigger
7.
Function select switch
8.
Voltage, Resistance Input Terminal
9.
Mode Select Button
10.
Backlight Button
11.
Range Select Button
AC
A
lternating current
DC
Direct currrent)
AUTO
AutoRange mode
MAX
MAX Hold mode
Diode test mode
•)))
Audible Continuity
HOLD
Data Hold mode
Low Battery icon
1
2
7
3
4
9
11
5
8
10
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com