Electronic Components Datasheet Search
  English  ▼

X  

MA200 Datasheet(PDF) 3 Page - Extech Instruments Corporation.

Part # MA200
Description  400A AC Clamp Meter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MA200 Datasheet(HTML) 3 Page - Extech Instruments Corporation.

  MA200 Datasheet HTML 1Page - Extech Instruments Corporation. MA200 Datasheet HTML 2Page - Extech Instruments Corporation. MA200 Datasheet HTML 3Page - Extech Instruments Corporation. MA200 Datasheet HTML 4Page - Extech Instruments Corporation. MA200 Datasheet HTML 5Page - Extech Instruments Corporation. MA200 Datasheet HTML 6Page - Extech Instruments Corporation. MA200 Datasheet HTML 7Page - Extech Instruments Corporation. MA200 Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MA200 Version 1.4 06/06
3
Specifications
Function
Range
Accuracy (of reading)
2.000 ACA
± (2.5% + 10 digits)
20.00 ACA
± (2.5% + 4 digits)
200.0 ACA
± (2.5% + 4 digits)
AC Current
400 ACA
± (3.0% + 5 digits)
200.0mV,
± (1.5% + 30 digits)
2.000V
20.00V
200.0V
± (1.5% + 3 digits)
AC Voltage
600V
± (2.0% + 4 digits)
200.0mV
± (0.5% + 5 digits)
2.000V
20.00V
200.0V
± (1.2% + 3 digits)
DC Voltage
600V
± (1.5% + 3 digits)
200.0
± (1.0% + 4 digits)
2.000k
20.00k
200.0k
± (1.5% + 2 digits)
2.000M
± (2.0% + 3 digits)
Resistance
Ω
20.00M
± (3.0% + 5 digits)
Jaw size
0.9" (23mm) approx.
Display
3-1/2 digits (2000 counts) LCD
Continuity
Audible tone < 120
Ω approx.
Diode Test
Open circuit voltage < 1.5VDC;
Test current 0.3mA (typical)
AC V bandwidth
50Hz to 400Hz
AC A bandwidth
50/60Hz
Low battery indication
“BAT” is displayed
Overrange indication
“OL” is displayed
Auto Power OFF
After 15 minutes
Measurement rate
2 per second, nominal
Input Impedance
7.8MΩ (V DC and V AC)
Operating Temperature
41ºF to 104ºF (5ºC to 40ºC)
Storage Temperature
-4
oF to 140oF (-20oC to 60oC)
Operating Humidity
Max 80% up to 87ºF (31ºC) decreasing linearly to 50% at
104ºF(40ºC)
Storage Humidity
<80%
Operating Altitude
6560ft. (2000meters)
Batteries
(2) 1.5V AAA batteries
Weight
0.44lb (200g)
Size
7.87” x 1.97” x 1.38” (200x50x35mm)
Safety
For indoor use and in accordance with the requirements for
double insulation to IEC1010-1 (1995): EN61010-1 (1995)
Overvoltage Category III, Pollution Degree 2.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com