Electronic Components Datasheet Search
  English  ▼

X  

MA200 Datasheet(PDF) 8 Page - Extech Instruments Corporation.

Part # MA200
Description  400A AC Clamp Meter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MA200 Datasheet(HTML) 8 Page - Extech Instruments Corporation.

  MA200 Datasheet HTML 1Page - Extech Instruments Corporation. MA200 Datasheet HTML 2Page - Extech Instruments Corporation. MA200 Datasheet HTML 3Page - Extech Instruments Corporation. MA200 Datasheet HTML 4Page - Extech Instruments Corporation. MA200 Datasheet HTML 5Page - Extech Instruments Corporation. MA200 Datasheet HTML 6Page - Extech Instruments Corporation. MA200 Datasheet HTML 7Page - Extech Instruments Corporation. MA200 Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MA200 Version 1.4 06/06
8
Support Hotline (781) 890-7440
Tech support: Ext. 200; Email: support@extech.com
Repair/Returns: Ext. 210; Email: repair@extech.com
Website: www.extech.com
Maintenance
WARNING:
To avoid electrical shock, disconnect the meter from any circuit, remove the
test leads from the input terminals and turn OFF the meter before opening the case. Do
not operate with open case.
Cleaning and Storage
Periodically wipe the case with a damp cloth and mild detergent; do not use abrasives or
solvents. If the meter is not to be used for periods of longer than 60 days, remove the
batteries and store them separately
Battery Replacement
1.
Remove the two rear Phillips head screws
2.
Open the battery compartment
3.
Replace the two 1.5V AAA batteries.
4.
Re-assemble the meter
Warranty
EXTECH INSTRUMENTS CORPORATION warrants this instrument to be free of defects in parts and
workmanship for one year from date of shipment (a six month limited warranty applies on sensors and cables). If it
should become necessary to return the instrument for service during or beyond the warranty period, contact the
Customer Service Department at (781) 890-7440 ext. 210 for authorization. A Return Authorization (RA)
number must be issued before any product is returned to Extech. The sender is responsible for shipping
charges, freight, insurance and proper packaging to prevent damage in transit. This warranty does not apply to
defects resulting from action of the user such as misuse, improper wiring, operation outside of specification,
improper maintenance or repair, or unauthorized modification. Extech specifically disclaims any implied warranties
or merchantability or fitness for a specific purpose and will not be liable for any direct, indirect, incidental or
consequential damages. Extech's total liability is limited to repair or replacement of the product. The warranty set
forth above is inclusive and no other warranty, whether written or oral, is expressed or implied.
Repair and Calibration Services
Extech offers complete repair and calibration services
for all Extech products. For
periodic calibration, NIST certification or repair of any Extech product, call customer service
for details on services available. Extech recommends that calibration be performed on an
annual basis to insure calibration integrity.
Copyright © 2003 Extech Instruments Corporation. All rights reserved
including the right of reproduction in whole or in part in any form.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com