Electronic Components Datasheet Search
  English  ▼

X  

MA200 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # MA200
Description  400A AC Clamp Meter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MA200 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  MA200 Datasheet HTML 1Page - Extech Instruments Corporation. MA200 Datasheet HTML 2Page - Extech Instruments Corporation. MA200 Datasheet HTML 3Page - Extech Instruments Corporation. MA200 Datasheet HTML 4Page - Extech Instruments Corporation. MA200 Datasheet HTML 5Page - Extech Instruments Corporation. MA200 Datasheet HTML 6Page - Extech Instruments Corporation. MA200 Datasheet HTML 7Page - Extech Instruments Corporation. MA200 Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MA200 Version 1.4 06/06
2
Introduction
Thank you for selecting the Extech MA200 AC Clamp Meter. This meter measures AC
Current, AC/DC Voltage, Resistance, Diode Test, and Continuity. This professional meter,
with proper care, will provide years of safe reliable service.
Safety
International Safety Symbols
This symbol, adjacent to another symbol or terminal, indicates the user must
refer to the manual for further information.
This symbol, adjacent to a terminal, indicates that, under normal use,
hazardous voltages may be present
Double insulation
A UL mark does not indicate that this product has been evaluated for the accuracy of its
readings.
SAFETY NOTES
•
Do not exceed the maximum allowable input range of any function
• Do not apply voltage to meter when resistance function is selected.
• Set the function switch OFF when the meter is not in use.
• Remove the battery if meter is to be stored for longer than 60 days.
WARNINGS
• Set function switch to the appropriate position before measuring.
• When measuring volts do not switch to current/resistance modes.
• Do not measure current on a circuit whose voltage exceeds 240V.
• When changing ranges using the selector switch always disconnect the test leads
from the circuit under test.
• Do not exceed the maximum rated input limits.
OVERVOLTAGE CATEGORY III
This meter meets the IEC 610-1-95 standard for OVERVOLTAGE CATEGORY III. Cat III
meters are protected against overvoltage transients in fixed installation at the distribution
level. Examples include switches in the fixed installation and some equipment for industrial
use with permanent connection to the fixed installation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com