Electronic Components Datasheet Search
  English  ▼

X  

MM560 Datasheet(PDF) 6 Page - Extech Instruments Corporation.

Part # MM560
Description  MultiMaster Digital MultiMeter Series With PC Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MM560 Datasheet(HTML) 6 Page - Extech Instruments Corporation.

Back Button MM560 Datasheet HTML 2Page - Extech Instruments Corporation. MM560 Datasheet HTML 3Page - Extech Instruments Corporation. MM560 Datasheet HTML 4Page - Extech Instruments Corporation. MM560 Datasheet HTML 5Page - Extech Instruments Corporation. MM560 Datasheet HTML 6Page - Extech Instruments Corporation. MM560 Datasheet HTML 7Page - Extech Instruments Corporation. MM560 Datasheet HTML 8Page - Extech Instruments Corporation. MM560 Datasheet HTML 9Page - Extech Instruments Corporation. MM560 Datasheet HTML 10Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
5
AC & AC+DC VOLTAGE
Accuracy*
MM570
MM560
Range
20Hz to 45Hz
500.00mV,
5.0000V, 50.000V
1.5% + 40d
500.00V, 1000.0V unspecified
unspecified
45Hz to 300Hz
500.00mV
0.3% + 20d
5.0000V, 50.000V 0.8% + 20d
500.00V, 1000.0V 0.4% + 40d
0.8% + 60d
300Hz to 5kHz
300Hz to 1kHz
500.00mV
0.3% + 10d
0.8% + 40d
5.0000V, 50.000V,
500.00V
0.4% + 40d
2.0% + 60d
1000.0V
0.8% + 40d
(300Hz-1kHz)
1.0% + 40d
5kHz to 20kHz
1kHz to 20kHz
500.00mV
0.5% + 20d
1dB**
5.0000V, 50.000V 0.8% + 20d
2dB**
500.00V
0.5% + 20d
3dB**
1000.0V
Unspecified
Unspecified
20kHz to 100kHz
500.00mV
2.0% + 40d
5.0000V, 50.000V 4.0% + 40d**
500.00V, 1000.0V Unspecified
Unspecified
*From 5% to 10% of range: accuracy % of reading (or in dB) + 80digits
**From 5% to 10% of range: accuracy % of reading (or in dB) +180digits
**From 10% to 15% of range: accuracy % of reading (or in dB) +100digits
CMRR: >90dB @ DC to 60Hz, Rs=1k
Ω
Input Impedance: 10M
Ω, 30pF nominal (80pF nominal for 500mV range)
Residual reading less than 50 digits with test leads shorted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com