Electronic Components Datasheet Search
  English  ▼

X  

MM560 Datasheet(PDF) 10 Page - Extech Instruments Corporation.

Part # MM560
Description  MultiMaster Digital MultiMeter Series With PC Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MM560 Datasheet(HTML) 10 Page - Extech Instruments Corporation.

Back Button MM560 Datasheet HTML 6Page - Extech Instruments Corporation. MM560 Datasheet HTML 7Page - Extech Instruments Corporation. MM560 Datasheet HTML 8Page - Extech Instruments Corporation. MM560 Datasheet HTML 9Page - Extech Instruments Corporation. MM560 Datasheet HTML 10Page - Extech Instruments Corporation. MM560 Datasheet HTML 11Page - Extech Instruments Corporation. MM560 Datasheet HTML 12Page - Extech Instruments Corporation. MM560 Datasheet HTML 13Page - Extech Instruments Corporation. MM560 Datasheet HTML 14Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
9
Auto Power Off: After 17 minutes of inactivity with no input signal.
Power consumption during auto power off; 20
µA
Safety:
The MultiMaster™ Series meters are intended for indoor
use and are protected, against the users, by double
insulation per EN61010-1 and IEC61010-1 2nd Edition
(2001) to CAT III 1000V & CAT IV 600V. The meter (all
versions) also meets UL3111-1(1994)* and CSA C22.2 No.
1010-1-92* to CAT III 1000V.
MM560
Terminals (to COM) ratings:
V :
CATEGORY III 1000 VOLTS AC & DC, AND
CATEGORY IV* 600 VOLTS AC & DC.
A / mA
µA : CATEGORY III AND CATEGORY IV* 500
VOLTS AC AND 300 VOLTS DC.
MM570
Terminals (to COM) ratings:
V/A/uAmA: CATAGORY III 1000 Volts and CATAGORY IV*
600V AC & DC
*Category IV safety standard (for DMMs) was first released in
IEC61010-1 2nd Edition in year 2001, and was yet an UL published
standard at the time this manual was written.
E.M.C.:
Meets EN61326(1997, 1998/A1), EN61000-4-2(1995) and
EN61000-4-3(1996). Also meets former standards EN55011
(1991) and EN50082-1(1997)
In an RF field of 3V/m: Capacitance function is not specified
Other function ranges: Total Accuracy = Specified Accuracy +
30 digits. Performance above 3V/m is not specified
Overload Protection:
µA/mA:0.63A/500V F, IR 200kA, fuse for MM560
1A/1000V F, IR 10kA (acceptable alternative;
0.44A/1000V IR 10kA) fuse for MM570
A :
12.5A/500V F, IR 20kA, for MM560
15A/1000V F, IR 10kA (acceptable alternative; 11A/1000V
IR 20kA) fuse for MM570
V,
Ω other: 600VDC/VAC for MM560
1050V rms, 1450V peak for MM570
Transient Protection
8kV (1.2/50
µs surge)
Dimension:
7.32 x 3.43 x 1.4" with holster (186mm x 87mm x 35.5mm)
Weight:
15.17 oz. with holster (430g)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com