Electronic Components Datasheet Search
  English  ▼

X  

MM560 Datasheet(PDF) 20 Page - Extech Instruments Corporation.

Part # MM560
Description  MultiMaster Digital MultiMeter Series With PC Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MM560 Datasheet(HTML) 20 Page - Extech Instruments Corporation.

Back Button MM560 Datasheet HTML 13Page - Extech Instruments Corporation. MM560 Datasheet HTML 14Page - Extech Instruments Corporation. MM560 Datasheet HTML 15Page - Extech Instruments Corporation. MM560 Datasheet HTML 16Page - Extech Instruments Corporation. MM560 Datasheet HTML 17Page - Extech Instruments Corporation. MM560 Datasheet HTML 18Page - Extech Instruments Corporation. MM560 Datasheet HTML 19Page - Extech Instruments Corporation. MM560 Datasheet HTML 20Page - Extech Instruments Corporation. MM560 Datasheet HTML 21Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
19
RS-232 PC Interface
This instrument is equipped with an optically isolated interface port
(located on the rear of the meter). An optional WindowsTM software and
interface package is available for data acquisition applications. This
optional kit is required to connect the meter to a PC. The software
provides digital, analog, and graphical data displays. Refer to the
README file in the interface kit for further details.
Maintenance
WARNING: To avoid electrical shock, disconnect the meter from any
circuit, remove the test leads from the input jacks and turn OFF the
meter before opening the case. Do not operate with open case. Install
only the same type of fuse or equivalent
Cleaning and Storage
Periodically wipe the case with a damp cloth and mild detergent; do not
use abrasives or solvents. If the meter is not to be used for periods of
longer than 60 days, remove the battery and store it separately
Battery Replacement
Loosen the 2 screws from the battery access door of the case bottom. Lift
the battery access door and thus the battery compartment up. Replace
the battery. Re-fasten the screws.
Battery: Standard 9V Alkaline (NEDA1604, JIS006P, IEC6F22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com