Electronic Components Datasheet Search
  English  ▼

X  

MM560 Datasheet(PDF) 4 Page - Extech Instruments Corporation.

Part # MM560
Description  MultiMaster Digital MultiMeter Series With PC Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MM560 Datasheet(HTML) 4 Page - Extech Instruments Corporation.

  MM560 Datasheet HTML 1Page - Extech Instruments Corporation. MM560 Datasheet HTML 2Page - Extech Instruments Corporation. MM560 Datasheet HTML 3Page - Extech Instruments Corporation. MM560 Datasheet HTML 4Page - Extech Instruments Corporation. MM560 Datasheet HTML 5Page - Extech Instruments Corporation. MM560 Datasheet HTML 6Page - Extech Instruments Corporation. MM560 Datasheet HTML 7Page - Extech Instruments Corporation. MM560 Datasheet HTML 8Page - Extech Instruments Corporation. MM560 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
3
7. Use great care when making measurements if the voltages are
greater than 25VAC rms or 35VDC. These voltages are considered a
shock hazard.
8. Always discharge capacitors and remove power from the device
under test before performing Capacitance, Diode, Resistance or
Continuity tests.
9. Remove the battery from the meter if the meter is to be stored for long
periods.
10. To avoid electric shock, do not measure AC current on any circuit
whose voltage exceeds 1000V AC.
11. Voltage checks on electrical outlets can be difficult and misleading
because of the uncertainty of connection to the electrical contacts.
Other means should be used to ensure that the terminals are not
"live".
12. If the equipment is used in a manner not specified by the
manufacturer, the protection provided by the equipment may be
impaired.
13. The product is intended only for indoor use.
PER IEC1010 OVERVOLTAGE INSTALLATION CATEGORY
OVERVOLTAGE CATEGORY III
Equipment of OVERVOLTAGE CATEGORY III is equipment in fixed
installations.
Note – Examples include switches in the fixed installation and some
equipment for industrial use with permanent connection to the fixed
installation.
OVERVOLTAGE CATEGORY IV
Equipment of OVERVOLTAGE CATEGORY IV is for use at the origin of
the installation.
Note – Examples include electricity meters and primary over-current
protection equipment
CENELEC Directives: These instruments conform to CENELEC low-
voltage directive 73/23/EEC and Electromagnetic compatibility directive
89/336/EEC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com