Electronic Components Datasheet Search
  English  ▼

X  

MM560 Datasheet(PDF) 17 Page - Extech Instruments Corporation.

Part # MM560
Description  MultiMaster Digital MultiMeter Series With PC Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MM560 Datasheet(HTML) 17 Page - Extech Instruments Corporation.

Back Button MM560 Datasheet HTML 13Page - Extech Instruments Corporation. MM560 Datasheet HTML 14Page - Extech Instruments Corporation. MM560 Datasheet HTML 15Page - Extech Instruments Corporation. MM560 Datasheet HTML 16Page - Extech Instruments Corporation. MM560 Datasheet HTML 17Page - Extech Instruments Corporation. MM560 Datasheet HTML 18Page - Extech Instruments Corporation. MM560 Datasheet HTML 19Page - Extech Instruments Corporation. MM560 Datasheet HTML 20Page - Extech Instruments Corporation. MM560 Datasheet HTML 21Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
16
Capacitance Measurements
1. Insert the black lead into the negative COM jack and the red test lead
into the positive CAP jack.
2. Set the function switch to the "
CAP" position.
3. Press the SELECT key momentarily to select Capacitance
4. Touch the test leads to the capacitor to be tested and read the
measured value.
Line Frequency Measurements
1. Connect and make a voltage or current measurement as described in
the previous paragraphs.
2. Press the Hz key to select the Frequency (Hz) function.
3. Read the frequency on the display
Notes on sensitivity:
The input sensitivity varies automatically with voltage (or current)
range selected. The lower the measuring range, the higher the
sensitivity. It is recommended to first measure the voltage (or current)
level then activate the Hz function in that voltage (or current) range to
automatically get the most appropriate trigger level. When activated
from voltage function, you can also press the RANGE key
momentarily to select another trigger level range manually. The
analog bargraph pointer will point at the selected trigger level range
scale 1, 2, 3, or 4. If the Hz reading is unstable, select lower
sensitivity to avoid electrical noise. If the reading shows zero, select a
higher sensitivity.
Logic Level Frequency Measurements
1. Insert the black lead into the negative COM jack and the red test lead
into the positive V jack.
2. Set the function switch to the “Hz” position.
3. Press the SELECT key momentarily to select Hz
4. Read the frequency on the display
5. Press the 500000 key momentarily to toggle between 5 full digits and
6 full digits display.
% Duty Cycle
1. Insert the black lead into the negative COM jack and the red test lead
into the positive V jack.
2. Set the function switch to the “Hz” position.
3. Press the SELECT key momentarily to select %
4. Read the % duty cycle on the display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com