Electronic Components Datasheet Search
  English  ▼

X  

MN26 Datasheet(PDF) 5 Page - Extech Instruments Corporation.

Part # MN26
Description  Mini Autoranging MultiMeter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MN26 Datasheet(HTML) 5 Page - Extech Instruments Corporation.

  MN26 Datasheet HTML 1Page - Extech Instruments Corporation. MN26 Datasheet HTML 2Page - Extech Instruments Corporation. MN26 Datasheet HTML 3Page - Extech Instruments Corporation. MN26 Datasheet HTML 4Page - Extech Instruments Corporation. MN26 Datasheet HTML 5Page - Extech Instruments Corporation. MN26 Datasheet HTML 6Page - Extech Instruments Corporation. MN26 Datasheet HTML 7Page - Extech Instruments Corporation. MN26 Datasheet HTML 8Page - Extech Instruments Corporation. MN26 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MN26T
V4.0 05/05
5
Symbols
AC (alternating current or
voltage)
DC (direct current or voltage)
•)))
Continuity
Diode test
mV, V
millivolt, volt (voltage)
Ω, kΩ, MΩ
ohm, kilohm, megohm
(resistance)
uA, mA, A
microamp, milliamp, Amp
(current)
pF, nF, uF
picofarad, nanofarad,
microfarad (capacitance)
Hz kHz
hertz, kilohertz (frequency)
%
% duty cycle
OF, OC
Degrees Fahrenheit,
Centigrade (temperature)
AUTO
Autorange
BAT
Low battery
HOLD
Display hold
REL
Relative
Operating Instructions
AC or DC Voltage Measurements
1.
Insert the black test lead banana plug into the negative COM jack and the red test
lead banana plug into the positive V jack.
2.
Turn the rotary switch to the VAC or VDC position.
3.
Touch the test probes to the circuit under test and read the voltage on the display.
AC or DC Current Measurements
CAUTION: Do not make current measurements on the 10A scale for longer than 30
seconds followed by a 15 minute cool down period. Exceeding 30 seconds may cause
damage to the meter and/or the test leads.
1.
Insert the black test lead banana plug into the negative COM jack and the red test
lead banana plug into the;
a. Positive uA/mA jack for currents to 400mA
b. Positive 10A jack for currents to 10A
2.
Turn the rotary switch to the uA, mA or A position.
3.
Touch the test probes in series with the circuit under test and read the current on the
display.
Resistance Measurements
1.
Insert the black test lead banana plug into the negative COM jack and the red test
lead banana plug into the positive
Ω jack.
2.
Turn the rotary switch to the
Ω position.
3.
Touch the test probes to the circuit or device under test and read the resistance on
the display.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com