Electronic Components Datasheet Search
  English  ▼

X  

MN26 Datasheet(PDF) 4 Page - Extech Instruments Corporation.

Part # MN26
Description  Mini Autoranging MultiMeter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MN26 Datasheet(HTML) 4 Page - Extech Instruments Corporation.

  MN26 Datasheet HTML 1Page - Extech Instruments Corporation. MN26 Datasheet HTML 2Page - Extech Instruments Corporation. MN26 Datasheet HTML 3Page - Extech Instruments Corporation. MN26 Datasheet HTML 4Page - Extech Instruments Corporation. MN26 Datasheet HTML 5Page - Extech Instruments Corporation. MN26 Datasheet HTML 6Page - Extech Instruments Corporation. MN26 Datasheet HTML 7Page - Extech Instruments Corporation. MN26 Datasheet HTML 8Page - Extech Instruments Corporation. MN26 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MN26T
V4.0 05/05
4
1
2
5
6
3
4
7
10
9
8
Diode Test
Test current of 0.3mA maximum, open circuit voltage 1.5V DC
typical
Continuity Check
Audible signal will sound if the resistance is less than
approximately 30
Ω, test current <0.7mA
Input Impedance
7.5M
Ω (VDC and VAC)
Display
4000 count LCD
Overrange indication
“OL” is displayed
Polarity
Automatic (no indication for positive polarity); Minus (-) sign for
negative polarity.
Measurement Rate
2 times per second, nominal
Auto Power Off
Meter automatically shuts down after 15 minutes of inactivity
Low Battery Indication
“BAT” is displayed
Batteries
Requires two AAA batteries
Fuses
mA,
µA ranges, 0.5A/250V fast blow
10A range, 10A/250V fast blow
Operating Temperature
32
oF to 122oF (0oC to 50oC)
Storage Temperature
-4
oF to 140oF (-20oC to 60oC)
Relative Humidity
<70% operating, <80% storage
Operating Altitude
7000ft (2000 meters) maximum.
Weight
9.17 oz. (260g).
Size
4.78” x 2.38” x 1.57” (121.5mm x 60.6mm x 40mm)
Safety
For indoor use and in accordance with Overvoltage Category
II, Pollution Degree 2. Category II includes local level,
appliance, portable equipment, etc., with transient
overvoltages less than Overvoltage Category III.
Meter Description
1.
LCD Display
2.
Function switch
3.
Function key
4.
Range key
5.
Temperature jack
6.
COM jack
7.
10A jack
8.
Positive jack
9.
Relative key
10. Data Hold key
Note: Tilt stand, fuse and battery compartment are on rear of unit.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com