Electronic Components Datasheet Search
  English  ▼

X  

MN26 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # MN26
Description  Mini Autoranging MultiMeter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MN26 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  MN26 Datasheet HTML 1Page - Extech Instruments Corporation. MN26 Datasheet HTML 2Page - Extech Instruments Corporation. MN26 Datasheet HTML 3Page - Extech Instruments Corporation. MN26 Datasheet HTML 4Page - Extech Instruments Corporation. MN26 Datasheet HTML 5Page - Extech Instruments Corporation. MN26 Datasheet HTML 6Page - Extech Instruments Corporation. MN26 Datasheet HTML 7Page - Extech Instruments Corporation. MN26 Datasheet HTML 8Page - Extech Instruments Corporation. MN26 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MN26T
V4.0 05/05
2
Introduction
Congratulations on your purchase of Extech’s MN26 Autoranging Multimeter. This meter
measures AC/DC Voltage, AC/DC Current, Resistance, Capacitance, Frequency, Duty Cycle,
Temperature, Diode Test and Continuity. Proper use and care of this meter will provide many
years of reliable service.
Safety
International Safety Symbols
This symbol, adjacent to another symbol or terminal, indicates the user must
refer to the manual for further information.
This symbol, adjacent to a terminal, indicates that, under normal use,
hazardous voltages may be present
Double insulation
Safety Precautions
1.
Improper use of this meter can cause damage, shock, injury or death. Read and
understand this user manual before operating the meter.
2.
Make sure any covers or battery doors are properly closed and secured.
3.
Always remove the test leads before replacing the battery or fuses.
4.
Inspect the condition of the test leads and the meter itself for any damage before
operating the meter. Repair any damage before use.
5.
Do not exceed the maximum rated input limits.
6.
Use great care when making measurements if the voltages are greater than 25VAC
rms or 35VDC. These voltages are considered a shock hazard.
7.
Always discharge capacitors and remove power from the device under test before
performing Capacitance, Diode, Resistance or Continuity tests.
8.
Remove the battery from the meter if the meter is to be stored for long periods.
9.
To avoid electric shock, do not measure AC current on any circuit whose voltage
exceeds 250V AC.
10. Voltage checks on electrical outlets can be difficult and misleading because of the
uncertainty of connection to the electrical contacts. Other means should be used to
ensure that the terminals are not "live".
Specifications
Function
Range
Resolution
Accuracy
400mV
0.1mV
±(0.5% reading + 2 digits)
4V
0.001V
40V
0.01V
400V
0.1V
±(1.0% reading + 2 digits)
DC Voltage
(V DC)
600V
1V
±(1.5% reading + 2 digits)
400mV
0.1mV
±(2.0% reading + 30 digits)
4V
0.001V
40V
0.01V
400V
0.1V
±(1.5% reading + 3 digits)
AC Voltage
(V AC)
(40 - 400Hz)
(40 - 200Hz for
400mV, 4V ranges)
600V
1V
±(2.0% reading + 4 digits)
400
µA
0.1
µA
4000
µA
1
µA
40mA
0.01mA
400mA
0.1mA
±(1.5% reading + 3 digits)
DC Current
(A DC)
10A
0.01A
±(2.5% reading + 5 digits)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com