Electronic Components Datasheet Search
  English  ▼

X  

MN26 Datasheet(PDF) 10 Page - Extech Instruments Corporation.

Part # MN26
Description  Mini Autoranging MultiMeter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MN26 Datasheet(HTML) 10 Page - Extech Instruments Corporation.

Back Button MN26 Datasheet HTML 2Page - Extech Instruments Corporation. MN26 Datasheet HTML 3Page - Extech Instruments Corporation. MN26 Datasheet HTML 4Page - Extech Instruments Corporation. MN26 Datasheet HTML 5Page - Extech Instruments Corporation. MN26 Datasheet HTML 6Page - Extech Instruments Corporation. MN26 Datasheet HTML 7Page - Extech Instruments Corporation. MN26 Datasheet HTML 8Page - Extech Instruments Corporation. MN26 Datasheet HTML 9Page - Extech Instruments Corporation. MN26 Datasheet HTML 10Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MN26T
V4.0 05/05
10
Instruction Sheet
Model TP870
Type K Bead Wire Thermocouple Probe
WARNING: To avoid electric shock, do not probe into or near live electrical circuits with the
thermocouple probe..
Sensor Type
Type K thermocouple (Chromel – Alumnel)
Temperature range
-40 to 482
oF (-40 to 250oC)
Lead length
39” (1m)
Connector
subminiature
Note: This probe is not UL listed



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com