Electronic Components Datasheet Search
  English  ▼

X  

MN26 Datasheet(PDF) 3 Page - Extech Instruments Corporation.

Part # MN26
Description  Mini Autoranging MultiMeter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MN26 Datasheet(HTML) 3 Page - Extech Instruments Corporation.

  MN26 Datasheet HTML 1Page - Extech Instruments Corporation. MN26 Datasheet HTML 2Page - Extech Instruments Corporation. MN26 Datasheet HTML 3Page - Extech Instruments Corporation. MN26 Datasheet HTML 4Page - Extech Instruments Corporation. MN26 Datasheet HTML 5Page - Extech Instruments Corporation. MN26 Datasheet HTML 6Page - Extech Instruments Corporation. MN26 Datasheet HTML 7Page - Extech Instruments Corporation. MN26 Datasheet HTML 8Page - Extech Instruments Corporation. MN26 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MN26T
V4.0 05/05
3
Function
Range
Resolution
Accuracy
400
µA
0.1
µA
4000
µA
1
µA
40mA
0.01mA
400mA
0.1mA
±(1.8% reading + 5 digits)
AC Current
(A AC)
(40 - 400Hz)
(40 - 200Hz for
400
µA, 4mA
ranges)
10A
0.01A
±(3.0% reading + 7 digits)
400
Ω
0.1
Ω
±(1.2% reading + 4 digits)
4k
Ω
0.001k
Ω
40k
Ω
0.01k
Ω
400k
Ω
0.1k
Ω
4M
Ω
0.001M
Ω
±(1.2% reading + 2 digits)
Resistance
40M
Ω
0.01M
Ω
±(2.0% reading + 3 digits)
4nF
0.001nF
±(5.0% reading + 10digits)
40nF
0.01nF
±(5.0% reading + 7 digits)
400nF
0.1nF
4
µF
0.001
µF
40
µF
0.01
µF
±(3.5% reading + 5 digits)
Capacitance
200
µF
0.1
µF
±(5.0% reading + 5 digits)
9.999Hz
0.001Hz
99.99Hz
0.01Hz
±(1.5% reading + 5 digits)
999.9Hz
0.1Hz
9.999kHz
0.001kHz
99.99kHz
0.01kHz
999.9kHz
0.1kHz
±(1.2% reading + 2 digits)
9.999MHz
0.001MHz
±(1.5% reading + 4 digits)
Frequency
Sensitivity: 0.8V rms min. @ 20% to 80% duty cycle and <100kHz;
5Vrms min @ 20% to 80% duty cycle and > 100kHz.
Duty Cycle
0.1 to 99.9%
0.1%
±(1.2% reading + 2 digits)
Pulse width: 100
µs - 100ms
Temp
°F
-4 to 1400
°F*
1
°F
Temp
°C
-20 to 760
°C*
1
°C
±(3.0% reading + 3 digits)
(probe effect additional)
NOTE: Accuracy is stated at 65
oF to 83oF (18oC to 28oC) and less than 70% RH.
NOTE: Temperature range of the temperature probe may be less than the range of the
meter.
Input Limits
Function
Maximum Input
V DC, VAC
600V DC/AC
Ohms, Capacitance, Diode, Frequency,
Continuity
250V DC/AC
mA DC/AC
400mA DC/AC
10A DC/AC
10A DC/AC (30sec. max)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com