Electronic Components Datasheet Search
  English  ▼

X  

TH10 Datasheet(PDF) 9 Page - Extech Instruments Corporation.

Part # TH10
Description  Temperature Datalogger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

TH10 Datasheet(HTML) 9 Page - Extech Instruments Corporation.

Back Button TH10 Datasheet HTML 4Page - Extech Instruments Corporation. TH10 Datasheet HTML 5Page - Extech Instruments Corporation. TH10 Datasheet HTML 6Page - Extech Instruments Corporation. TH10 Datasheet HTML 7Page - Extech Instruments Corporation. TH10 Datasheet HTML 8Page - Extech Instruments Corporation. TH10 Datasheet HTML 9Page - Extech Instruments Corporation. TH10 Datasheet HTML 10Page - Extech Instruments Corporation. TH10 Datasheet HTML 11Page - Extech Instruments Corporation. TH10 Datasheet HTML 12Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TH10 V1.0 9/07
9
TH10 LED STATUS GUIDE
LEDs
Meaning
Action
Record
Alarm
No LEDs flashing
-No logging in process
Or
-No battery found
Or
-Battery completely discharged
Fit battery in place
Replace the battery and
download the data
Record
Alarm
Green single flash every 10 sec. *
-Logging, no alarm**
Green double flash every 10 sec. *
-Delayed start
To start, Hold the start button
until Green and Yellow LED
flash
Record
Alarm
Red single flash every 10 sec. *
-Logging, low alarm for RH
Red double flash every 10 sec.
-Logging, high alarm for RH
Red single flash every 60 sec.
- Low Battery
†
Logging, if enabled, will stop
automatically. No data will be
lost. Replace battery
Record
Alarm
Yellow single flash every 10 sec. *
-Logging, low alarm for TEMP
Yellow double flash every 10 sec.
-Logging, high alarm for TEMP
Yellow single flash every 60 sec.
- TH10 memory full
Download data
*
To save power, the TH10’s LED flashing cycle can be changed to 20s or 30s via the supplied software.
**
To save power, alarm LEDs for temperature can be disabled via the supplied software.
†
When the battery is low, all operations will be disabled automatically. NOTE: Logging automatically stops when
the battery weakens (logged data will be retained). The supplied software is required to restart logging and to
download logged data.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com